Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A13X400-4TA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A13X400-4TA
Description  SEMICONDUCTOR PROTECTION FUSES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13X400-4TA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A13X400-4TA Datasheet HTML 1Page - List of Unclassifed Manufacturers A13X400-4TA Datasheet HTML 2Page - List of Unclassifed Manufacturers A13X400-4TA Datasheet HTML 3Page - List of Unclassifed Manufacturers A13X400-4TA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Peak Let-Thru Current Data – A13X1 to 6000, 130 Volts AC
AMPERE
WATTS
AMPERE
WATTS
AMPERE
WATTS
RATING
LOSS (W)
RATING
LOSS (W)
RATING
LOSS (W)
70
2.7
350
18
2000
92
80
3.2
400
20
2500
116
90
3.9
450
23
3000
149
100
4.1
500
20
3500
178
130
5.8
600
26
4000
190
150
6.6
800
37
4500
240
200
9.1
1000
44
5000
280
250
12
1200
52
6000
356
300
15
1500
65
Watts Loss at Rated Current
Available Current in RMS Symmetrical Amperes
Percent Rated Current
Watts Loss Correction vs. Percent Rated Current
I
2t Data – 130 Volts AC
I2t DATA
FUSE
CLEARING AT 130V
AMPERE
MELTING
1 FUSE
2 FUSES IN
RATING
(FIG. A)
SERIES (FIG. B)
(A
2s)
(A
2s)
(A
2s)
1
.02
.1
.05
2
.10
.35
.25
3
.18
.7
.5
4
.50
2
1.5
5
.75
3
2
6
1.1
4
3
7
1.6
6
4
8
2.9
10
7
10
5.0
18
12
12
6.3
22
15
15
10
35
25
20
34
120
80
25
65
230
150
30
100
350
230
35
85
450
300
40
120
640
420
45
150
800
520
50
240
1,300
840
55
280
1,500
1,000
60
340
1,800
1,200
70
840
4,200
2,100
80
1,000
5,000
2,500
90
1,300
6,500
3,300
100
1,600
8,000
4,000
130
2,500
12,000
6,300
150
3,600
18,000
9,000
200
6,400
32,000
16,000
250
10,000
50,000
25,000
300
14,000
70,000
35,000
350
20,000
100,000
50,000
400
26,000
130,000
65,000
450
32,000
160,000
80,000
500
40,000
200,000
100,000
600
58,000
290,000
140,000
800
100,000
500,000
250,000
1,000
160,000
800,000
400,000
1,200
240,000
1,200,000
600,000
1,500
360,000
1,800,000
900,000
2,000
640,000
3,200,000
1,600,000
2,500
1,000,000
5,000,000
2,500,000
3,000
1,400,000
7,000,000
3,500,000
3,500
1,800,000
9,000,000
4,500,000
4,000
2,400,000
12,000,000
6,000,000
5,000
3,700,000
18,000,000
9,000,000
6,000
5,400,000
27,000,000
14,000,000
Load
130 VAC
Fault
Fig. A
Load
130 VAC
Fault
Fig. B
AMP-TRAP
®–Form 101
A13X
SEMICONDUCTOR PROTECTION FUSES
D 5
D


Similar Part No. - A13X400-4TA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A13X150-4TI ETC2-A13X150-4TI Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results

Similar Description - A13X400-4TA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com