Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPM-15PASR Datasheet(PDF) 1 Page - Fujikura Ltd.

Part # FPM-15PASR
Description  Sensing element/Absolute
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJIKURA [Fujikura Ltd.]
Direct Link  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

FPM-15PASR Datasheet(HTML) 1 Page - Fujikura Ltd.

  FPM-15PASR Datasheet HTML 1Page - Fujikura Ltd. FPM-15PASR Datasheet HTML 2Page - Fujikura Ltd. FPM-15PASR Datasheet HTML 3Page - Fujikura Ltd. FPM-15PASR Datasheet HTML 4Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sensing element/Absolute
FPM,FAM Data sheet
Features
. Dual-In-line-Package(DIP)or SMD, Easy to mount on PCB
. Barometric pressure measurable
Applications
. Industrial instrumentation
. Medical device
. Barometer, Altimeter
. Altitude compensation
Pressure type
Absolute pressure
Model
FPM
FAM
Package configuration
Dual-In-line-Package(DIP)
Surface mount package
Model/Rated pressure
15PA
Unit
Recommended operating conditions
Pressure type
Absolute pressure
Rated pressure
34.66
168.0
kPa . abs
0.3535
1.713
kg/cm2 . abs
Measurable pressure range
0168.0
kPa. abs
Pressure media
Non-corrosive gas
Excitation current (Constant)
1.5
mADC
Absolute maximum rating
Maximum load pressure
Twice of rated pressure
Maximum excitation current
3mADC
Operating temperature
20
100
Storage temperature
40
120
Operating humidity
30
80 (No dew condensation)
RH
Electric performances/characteristics (Excitation current I=1.5mA constant, Ambient temperature Ta=25
)
Full scale span voltage
80
160
mV
Offset voltage
50
130 (at 101.3kPa . abs)
mV
Bridge impedance
4000
6000
Mechanical response time
2 (For the reference)
msec
Temperature sensitivity of offset (TSO)
3FS/0
50
Temperature coefficient of sensitivity (TCS)
2.5
FS/0
50
Linearity
0.3
FS
Pressure hystersis
0.2
FS
Part number for ordering
FAM - 15P A S R
Measurable pressure range(kPa)
Part number for ordering
66.7
+66.7
FPM-15PA
FPM-15PAR
FAM-15PASR
Terminal leads direction(See Outline Diagram)
No mark :
R:
Model
FPM
FAM
Pressure type
A:Absolute
pressure
Terminal leads configuration
No mark : DIP(FPM)
S : Surface mount package(FAM)
Rated pressure(PSI)
Specifications
1


Similar Part No. - FPM-15PASR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FPM-15PA ETC-FPM-15PA Datasheet
390Kb / 4P
   Sensing element / Absolute
logo
Fujikura Ltd.
FPM-15PA FUJIKURA-FPM-15PA Datasheet
263Kb / 4P
   Barometric pressure measurable Dual-in-line package (DIP)
logo
List of Unclassifed Man...
FPM-15PAR ETC-FPM-15PAR Datasheet
390Kb / 4P
   Sensing element / Absolute
logo
Fujikura Ltd.
FPM-15PAR FUJIKURA-FPM-15PAR Datasheet
263Kb / 4P
   Barometric pressure measurable Dual-in-line package (DIP)
More results

Similar Description - FPM-15PASR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FPM-15PA ETC-FPM-15PA Datasheet
390Kb / 4P
   Sensing element / Absolute
logo
Fujikura Ltd.
FDM-02PDSR FUJIKURA-FDM-02PDSR Datasheet
201Kb / 5P
   Sensing element / Differential
FDM-30PDSR FUJIKURA-FDM-30PDSR Datasheet
300Kb / 2P
   Sensing element/Differential
FGMC-307PGSR FUJIKURA-FGMC-307PGSR Datasheet
295Kb / 3P
   Sensing element/Gauge
FGN-607PGSR FUJIKURA-FGN-607PGSR_11 Datasheet
195Kb / 5P
   Sensing element Gauge
FPMC-07PGR FUJIKURA-FPMC-07PGR Datasheet
378Kb / 4P
   Sensing element/Gauge
FGN-607PGSR FUJIKURA-FGN-607PGSR Datasheet
351Kb / 3P
   Sensing element/Gauge
FGM-607PGSR FUJIKURA-FGM-607PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
logo
Amphenol Corporation
EHRH AMPHENOL-EHRH Datasheet
43Kb / 2P
   Waterproof sensing element and housing
logo
Stackpole Electronics, ...
BR_SERIES SEI-BR_SERIES Datasheet
331Kb / 5P
   Bare Element Current Sensing Resistor
10/8/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com