Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT393MT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT393MT
Description  High-Speed CMOS Logic Dual 4-Stage Binary Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT393MT Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT393MT Datasheet HTML 1Page - Texas Instruments CD74HCT393MT Datasheet HTML 2Page - Texas Instruments CD74HCT393MT Datasheet HTML 3Page - Texas Instruments CD74HCT393MT Datasheet HTML 4Page - Texas Instruments CD74HCT393MT Datasheet HTML 5Page - Texas Instruments CD74HCT393MT Datasheet HTML 6Page - Texas Instruments CD74HCT393MT Datasheet HTML 7Page - Texas Instruments CD74HCT393MT Datasheet HTML 8Page - Texas Instruments CD74HCT393MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS186E
Features
• Fully Static Operation
• Buffered Inputs
• Common Reset
• Negative-Edge Clocking
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC393 and ’HCT393 are 4-stage ripple-carry binary
counters. All counter stages are master-slave flip-flops. The
state of the stage advances one count on the negative
transition of each clock pulse; a high voltage level on the MR
line resets all counters to their zero state. All inputs and
outputs are buffered.
Pinout
CD54HC393, CD54HCT393
(CERDIP)
CD74HC393, CD74HCT393
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC393F3A
-55 to 125
14 Ld CERDIP
CD54HCT393F3A
-55 to 125
14 Ld CERDIP
CD74HC393E
-55 to 125
14 Ld PDIP
CD74HC393M
-55 to 125
14 Ld SOIC
CD74HC393MT
-55 to 125
14 Ld SOIC
CD74HC393M96
-55 to 125
14 Ld SOIC
CD74HCT393E
-55 to 125
14 Ld PDIP
CD74HCT393M
-55 to 125
14 Ld SOIC
CD74HCT393MT
-55 to 125
14 Ld SOIC
CD74HCT393M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
1CP
1MR
1Q0
1Q1
1Q2
1Q3
GND
VCC
2CP
2MR
2Q0
2Q1
2Q2
2Q3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
September 1997 - Revised August 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC393, CD74HC393,
CD54HCT393, CD74HCT393
High-Speed CMOS Logic
Dual 4-Stage Binary Counter
[ /Title
(CD74
HC393
,
CD74
HCT39
3)
/Sub-
ject
(High
Speed
CMOS


Similar Part No. - CD74HCT393MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT393MT TI-CD74HCT393MT Datasheet
266Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HCT393MT TI-CD74HCT393MT Datasheet
445Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HCT393MTE4 TI-CD74HCT393MTE4 Datasheet
266Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
More results

Similar Description - CD74HCT393MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC393 TI-CD54HC393_08 Datasheet
445Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HC393 TI-CD74HC393 Datasheet
38Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual 4 -Stage Binary Counter
CD54HCT393 TI-CD54HCT393 Datasheet
266Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
logo
Harris Corporation
74393 HARRIS-74393 Datasheet
31Kb / 7P
   High Speed CMOS Logic Dual 4 -Stage Binary Counter
logo
Texas Instruments
CD74HCT4040 TI-CD74HCT4040_07 Datasheet
399Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 12-Stage Binary Counter
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com