Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR755FR1T6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STR755FR1T6
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FR1T6 Datasheet(HTML) 4 Page - STMicroelectronics

  STR755FR1T6 Datasheet HTML 1Page - STMicroelectronics STR755FR1T6 Datasheet HTML 2Page - STMicroelectronics STR755FR1T6 Datasheet HTML 3Page - STMicroelectronics STR755FR1T6 Datasheet HTML 4Page - STMicroelectronics STR755FR1T6 Datasheet HTML 5Page - STMicroelectronics STR755FR1T6 Datasheet HTML 6Page - STMicroelectronics STR755FR1T6 Datasheet HTML 7Page - STMicroelectronics STR755FR1T6 Datasheet HTML 8Page - STMicroelectronics STR755FR1T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
Description
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
4/81
1
Description
The STR750 family of 32-bit microcontrollers combines the industry-standard ARM7TDMI®
32-bit RISC core, featuring high performance, very low power, and very dense code, with a
comprehensive set of peripherals and ST's latest 0.18µ embedded Flash technology. The
STR750 family comprises a range of devices integrating a common set of peripherals as
well as USB, CAN and some key innovations like clock failure detection and an advanced
motor control timer. It supports both 3.3V and 5V, and it is also available in an extended
temperature range (-40 to +105°C). This makes it a genuine general purpose
microcontroller family, suitable for a wide range of applications:
Appliances, brushless motor drives
USB peripherals, UPS, alarm systems
Programmable logic controllers, circuit breakers, inverters
Medical and portable equipment
2
Device overview
Table 2.
Device overview
Features
STR755FR0
STR755FR1
STR755FR2
STR751FR0/
STR751FR1/
STR751FR2
STR752FR0/
STR752FR1/
STR752FR2
STR755FV0
STR755FV1/
STR755FV2
STR750FV0/
STR750FV1/
STR750FV2
Flash - Bank 0 (bytes)
64K/128K/256K
Flash - Bank 1 (bytes)
16K RWW
RAM (bytes)
16K
Operating Temp.
-40 to +85°C / -40 to +105°C (see Table 49)
Common Peripherals
3 UARTs, 2 SSPs, 1 I2C, 3 timers 1 PWM timer,
38 I/Os 13 Wake-up lines, 11 A/D Channels
3 UARTs, 2 SSPs, 1 I2C,
3 timers 1 PWM timer, 72
I/Os 15 Wake-up lines, 16 A/D Channels
USB/CAN peripherals
None
USB
CAN
None
USB+CAN
Operating Voltage
3.3V or 5V
3.3V
3.3V or 5V
Packages (x)
T=LQFP64 10x10, H=LFBGA64
T=LQFP100 14x14, H=LFBGA100


Similar Part No. - STR755FR1T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR755FR1T6 STMICROELECTRONICS-STR755FR1T6 Datasheet
1Mb / 73P
   ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR755FR1T6 STMICROELECTRONICS-STR755FR1T6 Datasheet
2Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR755FR1T6 STMICROELECTRONICS-STR755FR1T6 Datasheet
1Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
More results

Similar Description - STR755FR1T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR750FXX STMICROELECTRONICS-STR750FXX_1 Datasheet
2Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR750F STMICROELECTRONICS-STR750F Datasheet
1Mb / 73P
   ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR750FXX STMICROELECTRONICS-STR750FXX_09 Datasheet
1Mb / 84P
   ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR73XFXX STMICROELECTRONICS-STR73XFXX Datasheet
1Mb / 52P
   ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com