Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A5N:1500.02H Datasheet(PDF) 3 Page - AEGIS SEMICONDUTORES LTDA

Part No. A5N:1500.02H
Description  Phase Control Thyristors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEGIS [AEGIS SEMICONDUTORES LTDA]
Direct Link  
Logo AEGIS - AEGIS SEMICONDUTORES LTDA

A5N:1500.02H Datasheet(HTML) 3 Page - AEGIS SEMICONDUTORES LTDA

  A5N:1500.02H Datasheet HTML 1Page - AEGIS SEMICONDUTORES LTDA A5N:1500.02H Datasheet HTML 2Page - AEGIS SEMICONDUTORES LTDA A5N:1500.02H Datasheet HTML 3Page - AEGIS SEMICONDUTORES LTDA A5N:1500.02H Datasheet HTML 4Page - AEGIS SEMICONDUTORES LTDA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Forward Voltage Drop Characteristics Fig. 6 - Transient Thermal Impedance
Characteristics
SEMICONDUTORES LTDA.
AEGIS
A5N:1500.XXH
0
500
1000
1500
2000
2500
0
2000
4000
6000
8000
10000
12000
14000
16000
180º
120º
90º
60º
30º
*Sinusoidal waveform
Maximum Average Forward Power Loss
Average Forward Current (A)
0
500
1000
1500
2000
2500
0
2000
4000
6000
8000
10000
12000
14000
DC
180º
120º
90º
60º
30º
*Rectangular waveform
Maximum Average Forward Power Loss
Average Forward Current (A)
0.5
1.0
1.5
2.0
2.5
3.0
100
1000
10000
125ºC
25ºC
Forward Voltage Drop
Instantaneous Forward Voltage (V)
10
-3
10
-2
10
-1
10
0
10
1
10
-3
10
-2
10
-1
Transient Thermal Impedance Z
thJC
Time (s)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
A1N:16.02J Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:25.XXJ Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:50.XXJ Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:60.XXJ Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:100.XXH Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:180.XXH Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
80RIA PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
A1N:260.XXH Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:330.XXH Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:300.12H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn