Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A5N:1500.02H Datasheet(PDF) 1 Page - AEGIS SEMICONDUTORES LTDA

Part No. A5N:1500.02H
Description  Phase Control Thyristors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEGIS [AEGIS SEMICONDUTORES LTDA]
Direct Link  
Logo AEGIS - AEGIS SEMICONDUTORES LTDA

A5N:1500.02H Datasheet(HTML) 1 Page - AEGIS SEMICONDUTORES LTDA

  A5N:1500.02H Datasheet HTML 1Page - AEGIS SEMICONDUTORES LTDA A5N:1500.02H Datasheet HTML 2Page - AEGIS SEMICONDUTORES LTDA A5N:1500.02H Datasheet HTML 3Page - AEGIS SEMICONDUTORES LTDA A5N:1500.02H Datasheet HTML 4Page - AEGIS SEMICONDUTORES LTDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUTORES LTDA.
AEGIS
A5N:1500.XXH
O
O
O
O
O
O
O
O
O
O
O
O
O
VOLTAGE RATINGS
VRSM , VR (V)
Max. non-
rep. peak reverse voltage
TJ = 0 to 125 C
TJ = -40 to 0 C
TJ = 25 to 125 C
A5N:1500.02H
200
200
300
A5N:1500.04H
400
400
500
A5N:1500.06H
600
600
700
A5N:1500.08H
800
800
900
A5N:1500.10H
1000
1000
1100
A5N:1500.12H
1200
1200
1300
A5N:1500.14H
1400
1400
1500
A5N:1500.16H
1600
1600
1700
VRRM , VR (V)
Max. rep. peak reverse voltage
Part Number
MAXIMUM ALLOWABLE RATINGS
VALUE
UNITS
-40 to 125
C
-40 to 150
C
Max. Av. current
1500
A
@ Max. TC
75
C
2350
A
28.14
50 Hz half cycle sine wave
30.67
60 Hz half cycle sine wave
32.11
50 Hz half cycle sine wave
35.00
60 Hz half cycle sine wave
4121
t = 10ms
4492
t = 8.3 ms
4702
t = 10ms
5125
t = 8.3 ms
56150
kA
2s1/2
800
A/ms
16
W
3
W
150
mA
2
V
2500
N.m
PGM Max. Peak gate power
IT(RMS) Nom. RMS current
-
tp < 5 ms
Initial TJ = 125 C, no voltage
applied after surge.
ITSM Max. Peak non-rep. surge
current
kA
I
2t Max. I2t capability
kA
2s
Initial TJ = 125 C, rated VRRM
applied after surge.
IT(AV)
NOTES
Initial TJ = 125 C, rated VRRM
applied after surge.
180 half sine wave
-
-
PARAMETER
TJ Junction Temperature
Tstg Storage Temperature
Initial TJ = 125 C, no voltage
applied after surge.
I
2t1/2 Max. I2t1/2 capability
di/dt Max. Non-repetitive rate-of-
rise current
Initial TJ = 125 C, no voltage applied after surge.
I
2t for time t
x = I
2t1/2 * t
x
1/2. (0.1 < tx < 10ms).
TJ = 125 C, VD = VDRM, ITM = 1600A. Gate pulse: 20V, 20 W,
10ms, 0.5ms rise time, Max. repetitive di/dt is aproximately
40% of non-repetitive value.
PG(AV) Max. Av. gate power
-
+IGM Max. Peak gate current
tp < 5 ms
-VGM Max. Peak negative gate
voltage
-
F Mounting Force
-


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
A1N:16.02J Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:25.XXJ Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:50.XXJ Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:60.XXJ Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:100.XXH Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:180.XXH Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
80RIA PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
A1N:260.XXH Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:330.XXH Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A5N:300.12H Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn