Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A5N:1400.16 Datasheet(PDF) 3 Page - AEGIS SEMICONDUTORES LTDA

Part No. A5N:1400.16
Description  Phase Control Thyristors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AEGIS [AEGIS SEMICONDUTORES LTDA]
Homepage  
Logo 

A5N:1400.16 Datasheet(HTML) 3 Page - AEGIS SEMICONDUTORES LTDA

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig. 1 - Current Ratings Characteristics A1F:400.XXHY(SingleSideCooled)R(DC)=0.09K/WthJ-hs A1F:400.XXHY(SingleSideCooled)R(DC)=0.09K/WthJ-hs
Fig. 2 - Current Ratings Characteristics A1F:400.XXHY(SingleSideCooled)R(DC)=0.09K/WthJ-hs A1F:400.XXHY(SingleSideCooled)R(DC)=0.09K/WthJ-hs
Fig. 3 - On-state Power Loss Characteristics
Fig. 4 - On-state Power Loss Characteristics
SEMICONDUTORES LTDA.
AEGIS
A5N:1400.XXH
0
200
400
600
800
1000
1200
1400
60
65
70
75
80
85
90
95
100
105
110
115
120
125
180º
120º
90º
60º
30º
*Sinusoidal waveform
Maximum Allowable Case Temperature
Average Forward Current (A)
0
200
400
600
800
1000
1200
1400
60
65
70
75
80
85
90
95
100
105
110
115
120
125
DC
180º
120º
90º
60º
30º
*Rectangular waveform
Maximum Allowable Case Temperature
Average Forward Current (A)
0
500
1000
1500
2000
2500
3000
0
4000
8000
12000
16000
20000
24000
28000
32000
36000
40000
180º
120º
90º
60º
30º
*Sinusoidal waveform
Maximum Average Forward Power Loss
Average Forward Current (A)
0
500
1000
1500
2000
2500
3000
3500
0
4000
8000
12000
16000
20000
24000
28000
DC
180º
120º
90º
60º
30º
*Rectangular waveform
Maximum Average Forward Power Loss
Average Forward Current (A)


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
A1N:16.02JPhase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA
A1N:25.XXJPhase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA
A1N:50.XXJPhase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA
A1N:60.XXJPhase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA
A1N:100.XXHPhase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA
A1N:180.XXHPhase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA
80RIAPHASE CONTROL THYRISTORS Stud Version 1 2 3 4 5 MoreInternational Rectifier
A1N:260.XXHPhase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA
A1N:330.XXHPhase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA
A5N:300.12HPhase Control Thyristors 1 2 3 4 AEGIS SEMICONDUTORES LTDA

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn