Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3246E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3246E
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3246E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3246E Datasheet HTML 1Page - Maxim Integrated Products MAX3246E Datasheet HTML 2Page - Maxim Integrated Products MAX3246E Datasheet HTML 3Page - Maxim Integrated Products MAX3246E Datasheet HTML 4Page - Maxim Integrated Products MAX3246E Datasheet HTML 5Page - Maxim Integrated Products MAX3246E Datasheet HTML 6Page - Maxim Integrated Products MAX3246E Datasheet HTML 7Page - Maxim Integrated Products MAX3246E Datasheet HTML 8Page - Maxim Integrated Products MAX3246E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3V to +5.5V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output-Voltage High
IOUT = -1.0mA
VCC -
0.6
VCC -
0.1
V
RECEIVER INPUTS
Input Voltage Range
-25
+25
V
VCC = +3.3V
0.6
1.1
Input Threshold Low
TA = +25°C
VCC = +5.0V
0.8
1.5
V
VCC = +3.3V
1.5
2.4
Input Threshold High
TA = +25°C
VCC = +5.0V
2.0
2.4
V
Input Hysteresis
0.5
V
Input Resistance
TA = +25°C
3
5
7
k
TRANSMITTER OUTPUTS
Output Voltage Swing
All transmitter outputs loaded with 3k
Ω to ground
(Note 6)
±5
±5.4
V
Output Resistance
VCC = 0, transmitter output = ±2V
300
50k
Output Short-Circuit Current
±60
mA
Output Leakage Current
VCC = 0 or +3.0V to +5.5V, VOUT = ±12V, transmitters
disabled (MAX3222E/MAX3232E/MAX3241E/MAX3246E)
±25
µA
MOUSE DRIVABILITY (MAX3241E)
Transmitter Output Voltage
T1IN = T2IN = GND, T3IN = VCC, T3OUT loaded with
3k
Ω to GND, T1OUT and T2OUT loaded with 2.5mA
each
±5
V
ESD PROTECTION
Human Body Model
±15
IEC 1000-4-2 Air-Gap Discharge (except MAX3237E)
±15
IEC 1000-4-2 Contact Discharge (except MAX3237E)
±8
R_IN, T_OUT
IEC 1000-4-2 Contact Discharge (MAX3246E only)
±9
kV
Human Body Model
±15
IEC1000-4-2 Air-Gap Discharge
±15
T_IN, R_IN, R_OUT, EN, SHDN,
MBAUD
MAX3237E
IEC1000-4-2 Contact Discharge
±8
kV


Similar Part No. - MAX3246E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3246E MAXIM-MAX3246E Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3246ECBX-T MAXIM-MAX3246ECBX-T Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3246EEBX-T MAXIM-MAX3246EEBX-T Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
More results

Similar Description - MAX3246E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E_03 Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3222E MAXIM-MAX3222E_10 Datasheet
345Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3232ECAE-T MAXIM-MAX3232ECAE-T Datasheet
1Mb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222E MAXIM-MAX3222E Datasheet
299Kb / 20P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00
MAX3222E MAXIM-MAX3222E_V01 Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com