Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQX-115F-I0181HS3A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JQX-115F-I0181HS3A
Description  MINIATURE HIGH POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JQX-115F-I0181HS3A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JQX-115F-I0181HS3A Datasheet HTML 1Page - List of Unclassifed Manufacturers JQX-115F-I0181HS3A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.4W
Features
File No.:CQC02001001951
Contact Rating
Inrush Rating
@ 125VAC
110
77.0
11.0
HONGFA RELAY
Coil power
25200
15%
16A/ 250VAC @85°C
JQX-115F-I (High Inrush)
1H(S)3A(G)(F)
VDE
File No.:116934
Specifications
Ratings
VDE0860
Shock Resistance
Dielectric
Strength
Sealed IP67
& Flux proof
*Note: The AgSnO2 material is with indium
ISO9001*ISO/TS16949 *ISO14001 CERTIFIED
VERSION: EN02-20040601
90
JQX-115F-I
1A
50m (at 1A/ 6VDC)
AgSnO2
440VAC/ 125VDC
16A
4000VA
16A 250VAC
(3 x 104 360 ops/hour)
TV-5, 80A
(2.5 x 104 ops)
2 x 106 OPS
1 x 105 OPS
Contact Arrangement
Initial Contact Resistance Max.
Contact Material
Max. switching voltage
Max. switching current
Max. switching power
Mechanical life
Electrical life
1000M
500 VDC
5000VAC 1min.
1000VAC 1min.
10KV (1.2X50µs)
Max. 15ms
Max. 8ms
Max. 55
100 m/s2
1000 m/s2
10 to 150Hz, 20g
35% to 85%
-40
to +85
PCB
13.5g
MINIATURE HIGH POWER RELAY
CONTACT DATA
CHARACTERISTICS
COIL
Nominal
Voltage
VDC
Coil
Resistance
(20
)
Pick-up
Voltage
VDC
Drop-out
Voltage
VDC
COIL DATA
5
6
12
24
48
60
3.50
4.20
8.40
16.8
33.6
42.0
0.5
0.6
1.2
2.4
4.8
6.0
High Inrush TV-5 80A /125VAC
Low height 15.7 mm
5KV dielectric coil to contacts
Creepage distance 10mm
Sealed IP67& Flux proof types available
SAFETY APPROVAL RATINGS
Initial Insulation Resistance
Between coil and Contacts
Between open contacts
Surge voltage between coil and contacts
Operate time (at nomi. Volt.)
Release time (at nomi. Volt.)
Temperature rise (at nomi. Volt.)
Functional
Destructive
Vibration Resistance
Humidity
Ambient temperature
Termination
Unit weight
Construction
62
10%
90
10%
360
10%
1440
10%
5760
15%
7500
15%
9
6.30
0.9
203
10%
18
12.6
1.8
810
10%
7.5
9.0
18
36
72
90
165
13.5
27
Max.
allowable
Voltage
VDC(at 20
)
*
*
*
*
*
*


Similar Part No. - JQX-115F-I0181HS3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX-115F-I1101HNIL3 ETC1-JQX-115F-I1101HNIL3 Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
JQX-115F-I1101HS3 ETC1-JQX-115F-I1101HS3 Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
JQX-115F-I121HNIL3 ETC1-JQX-115F-I121HNIL3 Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
JQX-115F-I121HS3 ETC1-JQX-115F-I121HS3 Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
JQX-115F-I241HNIL3 ETC1-JQX-115F-I241HNIL3 Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
More results

Similar Description - JQX-115F-I0181HS3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com