Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM300CVA060 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PM300CVA060
Description  USING INTELLIGENT POWER MODULES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM300CVA060 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM300CVA060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM300CVA060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM300CVA060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM300CVA060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM300CVA060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM300CVA060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Sep.1998
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector Cutoff Current
ICES
VCIN = 15V, VCE = VCES, Tj = 25°C
1.0
mA
VCIN = 15V, VCE = VCES, Tj = 125°C—
10
mA
Diode Forward Voltage
VEC
-IC = 10A, VD = 15V, VCIN = 15V
1.8
3.0
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 10A
1.8
2.5
Volts
VD = 15V, VCIN = 0V, IC = 10A,
1.9
2.6
Volts
Tj = 125°C
Inductive Load Switching Times
ton
0.3
0.5
1.5
µs
trr
VD = 15V, VCIN = 0 ↔ 15V
0.12
0.3
µs
tC(on)
VCC = 300V, IC = 10A
0.2
0.8
µs
toff
Tj = 125°C
1.5
2.3
µs
tC(off)
0.4
1.2
µs
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c)Q
Each IGBT
3.2
°C/Watt
Rth(j-c)F
Each FWDi
4.5
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin
0.083
°C/Watt
Thermal Grease Applied
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied across P-N Terminals
0 ~ 400
Volts
VD
Applied between VUP1-VUPC,
15
± 1.5
Volts
VN1-VNC, VVP1-VVPC, VWP1-VWPC
Input ON Voltage
VCIN(on)
Applied between
0 ~ 0.8
Volts
Input OFF Voltage
VCIN(off)
UP-VUPC, VP-VVPC, WP-VWPC,
4.0 ~ VD
Volts
UN · VN · WN-VNC
PWM Input Frequency
fPWM
Using Application Circuit
5 ~ 20
kHz
Minimum Dead Time
tdead
Input Signal
≥ 2.0
µs
MITSUBISHI INTELLIGENT POWER MODULES
PM10CSJ060
FLAT-BASE TYPE
INSULATED PACKAGE


Similar Part No. - PM300CVA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300CVA060 MITSUBISHI-PM300CVA060 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM300CVA060 POWEREX-PM300CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (300 Amperes/600 Volts)
logo
Mitsubishi Electric Sem...
PM300CVA060 MITSUBISHI-PM300CVA060 Datasheet
81Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM300CVA060 MITSUBISHI-PM300CVA060 Datasheet
84Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM300CVA060 MITSUBISHI-PM300CVA060_05 Datasheet
81Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM300CVA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM75B4L1C060 MITSUBISHI-PM75B4L1C060 Datasheet
323Kb / 10P
   INTELLIGENT POWER MODULES
PM300RL1A060 MITSUBISHI-PM300RL1A060 Datasheet
155Kb / 9P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com