Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9081-24-51 Datasheet(PDF) 2 Page - Coto Technology

Part # 9081-24-51
Description  Spartan SIP Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9081-24-51 Datasheet(HTML) 2 Page - Coto Technology

  9081-24-51 Datasheet HTML 1Page - Coto Technology 9081-24-51 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
35
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: sales@cotorelay.com
Notes:
1 Consult factory for life expectancy at other switching
loads.
2 Optional diode is connected to pin #2 (+) and pin
#3(-). Correct coil polarity must be observed.
3 These relays contain bias magnets. Correct coil
polarity must be observed. Pin #2(+)
4 Consists of 56V Zener diode and 1N4148 diode in
series, connected in parallel with coil.
9000 Series/Spartan SIP Reed Relays
Environmental Ratings
Storage Temp: -35°C to +100°C;
Operating Temp: -20°C to +85°C
Solder Temp: 270°C max; 10 sec. max
The operate and release voltage and the coil resistance are
specified at 25°C. These values vary by approximately
0.4% / °C as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Top View:
Dot stamped on top of relay refers to pin #1
location.
Grid = .1"x.1" (2.54mm x 2.54mm)
9007
9081
9081C
9081C1


Similar Part No. - 9081-24-51

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9081-05-00 ETC-9081-05-00 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
9081-05-01 ETC-9081-05-01 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
9081-05-02 ETC-9081-05-02 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
9081-05-10 ETC-9081-05-10 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
9081-05-11 ETC-9081-05-11 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
More results

Similar Description - 9081-24-51

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Coto Technology
9007 COTO-9007 Datasheet
557Kb / 2P
   9007 SERIES/SPARTAN SIP REED RELAYS
logo
RHOPOINT COMPONENTS
8L01 RHOPOINT-8L01 Datasheet
57Kb / 2P
   Spartan DIP Reed Relays
logo
Coto Technology
8L01-05-001 COTO-8L01-05-001 Datasheet
330Kb / 2P
   Spartan DIP Reed Relays
logo
List of Unclassifed Man...
8L00 ETC-8L00 Datasheet
104Kb / 2P
   Spartan DIP Reed Relays
logo
Coto Technology
8L01 COTO-8L01 Datasheet
1Mb / 2P
   8L SERIES/SPARTAN DIP REED RELAYS
logo
RHOPOINT COMPONENTS
9001 RHOPOINT-9001 Datasheet
88Kb / 2P
   Molded SIP Reed Relays
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
   SIP SERIES REED RELAYS
logo
Coto Technology
9001-05-00 COTO-9001-05-00 Datasheet
273Kb / 2P
   Molded SIP Reed Relays
logo
DB Lectro Inc
101R-1A12D2 DBLECTRO-101R-1A12D2 Datasheet
967Kb / 2P
   SIP, DIP REED RELAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com