Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1N:50.XXJ Datasheet(PDF) 4 Page - AEGIS SEMICONDUTORES LTDA

Part No. A1N:50.XXJ
Description  Phase Control Thyristors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEGIS [AEGIS SEMICONDUTORES LTDA]
Direct Link  
Logo AEGIS - AEGIS SEMICONDUTORES LTDA

A1N:50.XXJ Datasheet(HTML) 4 Page - AEGIS SEMICONDUTORES LTDA

  A1N:50.XXJ Datasheet HTML 1Page - AEGIS SEMICONDUTORES LTDA A1N:50.XXJ Datasheet HTML 2Page - AEGIS SEMICONDUTORES LTDA A1N:50.XXJ Datasheet HTML 3Page - AEGIS SEMICONDUTORES LTDA A1N:50.XXJ Datasheet HTML 4Page - AEGIS SEMICONDUTORES LTDA  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
M8 x 1
1/4" UNF 2A
Fig. 7 - Gate Trigger Characteristics
TO-208AC (TO-65)
SEMICONDUTORES LTDA.
AEGIS
A1N:50.XXJ
Fig. 8 - Outline Characteristics


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
A1N:16.02J Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
A1N:25.XXJ Phase Control Thyristors 1  2  3  4  AEGIS SEMICONDUTORES LTDA
80RIA PHASE CONTROL THYRISTORS Stud Version 1  2  3  4  5  More International Rectifier
ST380CHPBF PHASE CONTROL THYRISTORS 1  2  3  4  5  More International Rectifier
5STP10D1601 Phase Control Thyristor 1  2  3  4  5  More ABB
5STP27H1800 Phase Control Thyristor 1  2  3  4  5  More ABB
5STP52U5200 Phase Control Thyristor 1  2  3  4  5  More ABB
LB11948T Monolithic Digital IC PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver 1  2  3  4  5  More Sanyo Semicon Device
PS12015-A Acoustic noise-less 1.5kW/AC400V Class 3 Phase inverter and other motor control applications 1  2  3  4  5  More Mitsubishi Electric Semiconductor
CR3CM Lead-mount Phase Control SCR 3 Amperes/400-600 Volts 1  2  3  4  Powerex Power Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn