Electronic Components Datasheet Search |
|
RI-27A Datasheet(PDF) 2 Page - Coto Technology |
|
RI-27A Datasheet(HTML) 2 Page - Coto Technology |
2 / 2 page 105 For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com 6 E-mail: sales@cotorelay.com RI-27 Series Dry Reed Switch End of life criteria: Contact resistance > 2 Ω after 4 ms Release time > 0.7 ms (latching or contact sticking). Switching different loads involves different life expect- ancy and reliability data. Further information is avail- able on request. Mechanical Data Contact arrangement is normally open; lead finish is tinned; net mass is approximately 100 mg; and can be mounted in any position. Shock RI-27AA; RI-27A The switches are tested in accordance with “IEC 68-2- 27”, test Ea (peak acceleration 150 G, half sinewave; duration 11 ms). Such a shock will not cause an open switch (no magnetic field present) to close, nor a switch kept closed by an 80 AT coil to open. Vibration The switches are tested in accordance with “IEC 68-2- 6”, test Fc (acceleration 10 G; below cross-over fre- quency 57 to 62 Hz; amplitude 0.75 mm; frequency range 10 to 2000 Hz, duration 90 minutes). Such a vibration will not cause an open switch (no magnetic field present) to close, nor a switch kept closed by an 80 AT coil to open. Mechanical Strength The robustness of the terminations is tested in accor- dance with “IEC 68-2-21”, test Ua 1 (load 10 N). Operating and Storage Temperature Operating ambient temperature; min: -55°C; max: +125°C. Storage temperature; min: -55°C; max: +125°C. Note: Temperature excursions up to 150°C may be permissible. For more information contact your nearest Coto Technology sales office. Soldering The switch can withstand soldering heat in accordance with “IEC 68-2-20”, test Tb, method 1B: solder bath at 350 ±10° C for 3.5 ±0.5 s. Solderability is tested in accordance with “IEC 68-2-20” test Ta, method 3: solder globule temperature 235°C; ageing 1b: 4 hours steam. Welding The leads can be welded Mounting The leads should not be bent closer than 1 mm to the glass-to-metal seals. Stress on the seals should be avoided. Care must be taken to prevent stray magnetic fields from influencing the operating and measuring conditions. |
Similar Part No. - RI-27A |
|
Similar Description - RI-27A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |