Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RI-26A Datasheet(PDF) 1 Page - Coto Technology

Part # RI-26A
Description  Dry Reed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

RI-26A Datasheet(HTML) 1 Page - Coto Technology

  RI-26A Datasheet HTML 1Page - Coto Technology RI-26A Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
114
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
RI-26 Series Dry Reed Switch
RI-26 Series
Close differential micro dry-reed switch hermetically sealed in a gas-filled
glass envelope. Single-pole, single-throw (SPST) type, having normally
open contacts, and containing two magnetically actuated reeds.
The switch is of the double-ended type and may be actuated by an electro-
magnet, a permanent magnet or a combination of both.
The device is intended for use in applications with small hysteresis in
switching behavior.
RI-26 Series Features
Close differential reed switch
Contact layers: gold, sputtered ruthenium
Superior glass-to-metal seal and blade alignment
Excellent life expectancy and reliability
General data for all models RI-26
AT-Customization / Preformed Leads
Besides the standard models, customized products can
also be supplied offering the following options:
! Operate and release ranges to customer specification
! Cropped and/or preformed leads
Coils
All characteristics are measured using the Philips
Standard Coil. For definitions of the Philips Standard
Coil, refer to “
Application Notes” in the Reed Switch
Technical & Application Information Section of this
catalog.
Life expectancy and reliability
The life expectancy data given below are valid for a coil
energized at 1.5 times the published maximum operate
value for each type in the RI-26 series.
No-load conditions (operating frequency: 100 Hz)
Life expectancy: min. 3x108 operations with a failure
rate of less than 0.9x10-9 with a confidence level of
90%.
End of life criteria:
Contact resistance > 1
Ω after 2ms
Release time > 2ms (latching or contact sticking).
Loaded conditions (resistive load: 20 V; 500 mA;
operating frequency: 125 Hz)
Life expectancy: min. 5x107 operations with a failure
rate of less than 5x10-9 with a confidence level of 90%.
End of life criteria:
Contact resistance > 2
Ω after 2.5 ms
Release time > 2.5 ms (latching or contact sticking).
Switching different loads involves different life expect-
ancy and reliability data. Further information is avail-
able on request.
Mechanical Data
Contact arrangement is normally open; lead finish is
tinned; net mass is approximately 190 mg; and can be
mounted in any position.
Shock
The switches are tested in accordance with “IEC 68-2-
27”, test Ea (peak acceleration 50 G, half sinewave;
duration 11 ms). Such a shock will not cause an open
switch (no magnetic field present) to close, nor a switch
kept closed by an 80 AT coil to open.
Dimensions in inches (mm)


Similar Part No. - RI-26A

ManufacturerPart #DatasheetDescription
logo
Coto Technology
RI-21 COTO-RI-21 Datasheet
248Kb / 2P
   Dry Reed Switch
RI-21A COTO-RI-21A Datasheet
248Kb / 2P
   Dry Reed Switch
RI-21AA COTO-RI-21AA Datasheet
248Kb / 2P
   Dry Reed Switch
RI-21AAA COTO-RI-21AAA Datasheet
248Kb / 2P
   Dry Reed Switch
RI-21B COTO-RI-21B Datasheet
248Kb / 2P
   Dry Reed Switch
More results

Similar Description - RI-26A

ManufacturerPart #DatasheetDescription
logo
Coto Technology
RI-05 COTO-RI-05 Datasheet
212Kb / 2P
   Dry Reed Switch
RI-29 COTO-RI-29 Datasheet
212Kb / 2P
   Dry Reed Switch
RI-25 COTO-RI-25 Datasheet
242Kb / 2P
   Dry Reed Switch
RI-02SMD COTO-RI-02SMD Datasheet
209Kb / 2P
   Dry Reed Switch
RI-44 COTO-RI-44 Datasheet
196Kb / 2P
   Dry Reed Switch
RI-08 COTO-RI-08 Datasheet
97Kb / 2P
   Dry Reed Switch
RI-60 COTO-RI-60 Datasheet
194Kb / 2P
   Dry Reed Switch
RI-01B COTO-RI-01B Datasheet
212Kb / 2P
   Dry Reed Switch
RI-02 COTO-RI-02 Datasheet
191Kb / 2P
   Dry Reed Switch
RI-03 COTO-RI-03 Datasheet
220Kb / 2P
   Dry Reed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com