Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1N:16.02J Datasheet(PDF) 3 Page - AEGIS SEMICONDUTORES LTDA

Part No. A1N:16.02J
Description  Phase Control Thyristors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AEGIS [AEGIS SEMICONDUTORES LTDA]
Homepage  
Logo 

A1N:16.02J Datasheet(HTML) 3 Page - AEGIS SEMICONDUTORES LTDA

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Forward Voltage Drop Characteristics Fig. 6 - Transient Thermal Impedance
Characteristics
SEMICONDUTORES LTDA.
AEGIS
A1N:16.XXJ
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
400
180º
120º
90º
60º
30º
*Sinusoidal waveform
Maximum Average Forward Power Loss
Average Forward Current (A)
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
DC
180º
120º
90º
60º
30º
*Rectangular waveform
Maximum Average Forward Power Loss
Average Forward Current (A)
0.5
1.0
1.5
2.0
2.5
3.0
1
10
100
T
J = 125ºC
T
J = 25ºC
Forward Voltage Drop Characteristics
Instantaneous Forward Voltage (V)
10
-3
10
-2
10
-1
10
0
10
1
10
2
0.0
0.5
1.0
1.5
Trabsient Thermal Impedance Z
thJC
Time (s)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn