Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1N:16.02J Datasheet(PDF) 2 Page - AEGIS SEMICONDUTORES LTDA

Part No. A1N:16.02J
Description  Phase Control Thyristors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AEGIS [AEGIS SEMICONDUTORES LTDA]
Homepage  
Logo 

A1N:16.02J Datasheet(HTML) 2 Page - AEGIS SEMICONDUTORES LTDA

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
O
O
O
O
O
O
O
O
O
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
SEMICONDUTORES LTDA.
AEGIS
A1N:16.XXJ
O
O
O
O
O
O
O
O
O
O
O
0
5
10
15
20
123.0
123.5
124.0
124.5
125.0
180º
120º
90º
60º
30º
*Sinusoidal waveform
Maximum Allowable Case Temperature
Average Forward Current (A)
0
5
10
15
20
25
30
35
40
122.0
122.5
123.0
123.5
124.0
124.5
125.0
DC
180º
120º
90º
60º
30º
*Rectnagular waveform
Maximum Allowable Case Temperature (ºC)
Average Forward Current (A)
PARAMETER
MIN.
TYP.
MAX. UNITS
VTM peak on-state voltage
---
---
1.84
V
IL Latching current
---
---
200
mA
IH Holding current
---
---
100
mA
td Delay time
---
0.7
1.5
ms
tq Turn-off time
---
125
200
ms
80
140
---
---
---
200
IRM, IDM Peak reverse and off-
state current
---
5
10
mA
---
---
300
TC = -40 C
50
80
150
TC = 25 C
4
---
---
TC = -40 C
2
---
---
TC = 25 C
VGD DC gate voltage not to
trigger
---
---
0.2
V
---
---
1.15
C/W
---
---
1.3
C/W
---
---
1.35
C/W
RthCS Thermal resistance,
case-to-sink
---
---
0.35
C/W
wt Weight
---
12(0.48)
---
g(oz.)
Case Style
JEDEC
Initial TJ = 25 C, 50-60Hz half sine, Ipeak = 50A.
Use low values for ITM < p rated IT(AV)
TEST CONDITIONS
---
TJ = 125 C
Av. power = VT(TO) * IT(AV) +rT * [IT(RMS)]
2, 180 Half Sine.
TC = 125 C, 12V anode. Gate pulse: 10V, 20 W, 100ms.
Higher dv/dt values
avaliable.
TJ = 125 C. Exp. to 100% or lin.
To 80% V DRM, gate open.
TJ = 125 C, Exp. To 67% V DRM, gate open.
RthJC Thermal resistance,
junction-to-case
TJ = 125 C, ITM = 500A, di/dt = 25A/ms, VR = 50V. dv/dt = 20
V/ms lin. to rated VDRM. Gate: 0V, 100 W.
V
mW
TC = 25 C, 12V anode. Initial IT = 15A.
TC = 25 C, VD = VDRM, 50A resistive load. Gate pulse: 10V,
20W, 10ms, 1ms rise time.
TJ = 125 C, Rated VRRM and VDRM, gate open.
+12V anode-to-cathode. For recommended
gate drive see "Gate Characteristics" figure.
dv/dt Critical rate-of-rise of
off-state voltage
IGT DC gate current to trigger
---
TO-208AA (TO-48)
V/ms
mA
V
Mtg. Surface smooth, flat and greased. Single side cooled.
TC = 25 C, Max. Value which will not trigger with rated VDRM
anode.
DC operation, single side cooled.
180 sine wave, single side cooled.
18
120 rectangular wave, single side cooled.
VT(TO) Threshold voltage
---
---
1
rT Slope resistance
---
---
VGT DC gate voltage to
trigger


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn