Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSL159-2R Datasheet(PDF) 3 Page - Power-One

Part # PSL159-2R
Description  6 to 12 A Switching Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSL159-2R Datasheet(HTML) 3 Page - Power-One

  PSL159-2R Datasheet HTML 1Page - Power-One PSL159-2R Datasheet HTML 2Page - Power-One PSL159-2R Datasheet HTML 3Page - Power-One PSL159-2R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PSL Series Data Sheet
6 to 12 A Switching Regulators
APR 05, 2004 revised to JUN 06, 2006
Page 3 of 4
www.power-one.com
Pin allocation
Pin
Electrical determination
Design.
2
R-input (or inhibit input)
R (i)
5
Undervoltage monitor (Option D)
D
8
Output voltage (negative)
Go–
11
Output voltage (negative)
Go–
14
Output voltage (positive)
Vo+
17
Output voltage (positive)
Vo+
20
Input voltage (negative)
Gi–
23
Input voltage (negative)
Gi–
26
Input voltage (positive)
Vi+
29
Input voltage (positive)
Vi+
32
Protective ground (leading pin)
Options
Extended temperature range
–40 - 71°C, ambient, operating
-9
Inhibit, TTL input, output(s) enabled if left open
i
Output voltage adjustment
0 - 108%
Vo nom
R
Additional internal input filter
L
Output voltage adjustment
±8%
Vo nom
P
Thyristor crowbar on output
C
Input or output undervoltage monitoring
D/D1
Test sockets for check of output voltage
A
S10007
32 29 26 23 20 17 14 11 8
5 2


Similar Part No. - PSL159-2R

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL159-2R POWER-ONE-PSL159-2R Datasheet
59Kb / 4P
   6...12 A Switching Regulators
More results

Similar Description - PSL159-2R

ManufacturerPart #DatasheetDescription
logo
Power-One
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
   6...12 A Switching Regulators
PSL5A10-7R POWER-ONE-PSL5A10-7R Datasheet
59Kb / 4P
   6...12 A Switching Regulators
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
   1...6 A Switching Regulators
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
   3 to 8 A Switching Regulators
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
73Kb / 3P
   A 6 -12
logo
Power-One
PSR52-7 POWER-ONE-PSR52-7_06 Datasheet
70Kb / 3P
   1 to 6 A Switching Regulator
PSB5A4-7IR POWER-ONE-PSB5A4-7IR Datasheet
57Kb / 4P
   3...8 A Switching Regulators
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
   9...25 A Switching Regulators
logo
Texas Instruments
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com