Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTS645SK15 Datasheet(PDF) 3 Page - ITT Industries

Part # PTS645SK15
Description  6 mm Tact Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PTS645SK15 Datasheet(HTML) 3 Page - ITT Industries

  PTS645SK15 Datasheet HTML 1Page - ITT Industries PTS645SK15 Datasheet HTML 2Page - ITT Industries PTS645SK15 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-59
B
ACTUATION FORCE
OPTION
CODE
FORCE
L
130 grams
M
160 grams
H
200 grams
K
260 grams
OPTION
HEIGHT “H” or
SCHEMATIC
CODE
LENGTH “L”
TERMINATION
Without EMC pin
With EMC pin
43
4,3 (.169)
Thru-hole
50
5,0 (.197)
Thru-hole
70
7,0 (.275)
Thru-hole
95
9,5 (.374)
Thru-hole
31
3,15 (.124)
Vertical
39
3,85 (.151)
Vertical
58
5,85 (.230)
Vertical
83
8,35 (.329)
Vertical
15
15,85 (.624)
Vertical
ACTUATOR HEIGHT
13
1
34
2
1
34
2
PTS645 Series
6 mm Tact Switches
43
50
70
95
31
15
39
58
83
ø3,5
(.138)
"H"
ø3,5
(.138)
ø3,3
(.130)
"H"
ø3,5
(.138)
ø3,0
(.118)
"H"
"L"
ø3,3
(.130)
ø3,5
(.138)
"L"
ø3,3
(.130)
ø3,5
(.138)
ø3,0
(.118)
ø3,5
(.138)
"L"
ø3,0
(.118)
ø3,5
(.138)
"L"
ø3,5
(.138)
"H"
"L"
85
ø3,5
(.138)
ø3,3
(.130)
"H"


Similar Part No. - PTS645SK15

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS645SK312LFS CK-COMPONENTS-PTS645SK312LFS Datasheet
492Kb / 4P
   6 mm Tact Switches
PTS645SK31SMTR92LFS CK-COMPONENTS-PTS645SK31SMTR92LFS Datasheet
492Kb / 4P
   6 mm Tact Switches
PTS645SK392LFS CK-COMPONENTS-PTS645SK392LFS Datasheet
492Kb / 4P
   6 mm Tact Switches
PTS645SK39SMTR92LFS CK-COMPONENTS-PTS645SK39SMTR92LFS Datasheet
492Kb / 4P
   6 mm Tact Switches
PTS645SK432LFS CK-COMPONENTS-PTS645SK432LFS Datasheet
492Kb / 4P
   6 mm Tact Switches
More results

Similar Description - PTS645SK15

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS645 CK-COMPONENTS-PTS645 Datasheet
202Kb / 3P
   6 mm Tact Switches
PTS645 CK-COMPONENTS-PTS645_V01 Datasheet
653Kb / 8P
   6 mm Tact Switches
14 Nov 22
PTS645VH15LFS CK-COMPONENTS-PTS645VH15LFS Datasheet
492Kb / 4P
   6 mm Tact Switches
logo
List of Unclassifed Man...
PTS453 ETC2-PTS453 Datasheet
54Kb / 2P
   4,5 mm Tact Switches
logo
ITT Industries
PTS635SL43 ITT-PTS635SL43 Datasheet
67Kb / 2P
   3,5 mm Tact Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125_V01 Datasheet
387Kb / 5P
   12 mm Tact Switches
2022
logo
ITT Industries
PTS125 ITT-PTS125 Datasheet
198Kb / 3P
   12 mm Tact Switches
logo
C&K Components
PTS635 CK-COMPONENTS-PTS635 Datasheet
355Kb / 3P
   3,5 mm Tact Switches
PTS125 CK-COMPONENTS-PTS125 Datasheet
193Kb / 3P
   12 mm Tact Switches
PTS125 CK-COMPONENTS-PTS125_V02 Datasheet
388Kb / 5P
   12 mm Tact Switches
14 Nov 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com