Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8041-05-011 Datasheet(PDF) 1 Page - Coto Technology

Part # 8041-05-011
Description  DIP Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

8041-05-011 Datasheet(HTML) 1 Page - Coto Technology

  8041-05-011 Datasheet HTML 1Page - Coto Technology 8041-05-011 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
DIP Reed Relays
The 8000 Series is ideally suited to the needs of Automated Test
Equipment, Instrumentation, Data Acquisition, and Process Control
requirements. The specification tables allow you to select the appropri-
ate relay for your particular application. If your requirements differ
from the selection options, please consult your local representative or
Coto’s Factory to discuss a custom reed relay.
8000 Series Features
14-Pin DIP industry standard package
High Insulation Resistance - 1012
offered on most models
High reliability, hermetically sealed contacts for long life (proven
to 500 million operations)
Contact forms; 1A, 2A, 1B and 1C available
Surface mount version available
Molded thermoset body on integral lead frame design
Optional Electrostatic Shield for reducing capacitive coupling
Coil suppression diode available
High Voltage Breakdown versions available
UL File # E67117
8000 Series/DIP Reed Relays
Dimensions in Inches (Millimeters)
(For Model #’s 8001, 8002, 8021 & 8041)
(For Model # 8061)


Similar Part No. - 8041-05-011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8041-05-01 ETC1-8041-05-01 Datasheet
94Kb / 2P
   8000 SERIES / DIP REED RELAYS
More results

Similar Description - 8041-05-011

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
   DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
   DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
   DIP Reed Relays
logo
RHOPOINT COMPONENTS
8001 RHOPOINT-8001 Datasheet
66Kb / 2P
   DIP Reed Relays
logo
Meder Electronic
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-1C90-51Q MEDER-DIP05-1C90-51Q Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-1A72-11M MEDER-DIP05-1A72-11M Datasheet
92Kb / 1P
   DIP Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com