Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9901-05-10 Datasheet(PDF) 2 Page - Coto Technology

Part # 9901-05-10
Description  Surface Mount Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9901-05-10 Datasheet(HTML) 2 Page - Coto Technology

  9901-05-10 Datasheet HTML 1Page - Coto Technology 9901-05-10 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
45
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: sales@cotorelay.com
Environmental Ratings
Storage Temp: -35°C to +100°C; Operating Temp: -20°C to +85°C
The operate and release voltage and the coil resistance are
specified at 25°C. These values vary by approximately 0.4%/°C as
the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Moisture Sensitivity per J-STD-020B, Level 2
9900 Series/Surface Mount Reed Relays
Top View:
Dot stamped on top of relay refers to pin #1 location
Notes:
1 Consult factory for life expectancy at other
switching loads. Contact resistance 2.0
Ω defines
end of life.
2 Surface mount component processing tempera-
ture: 500°F (260°C) max for 1 minute dwell time.
Temperature measured on leads where lead exits
molded package.
3 Consists of 56V Zener diode and 1N4148 diode in
series, connected in parallel with coil.


Similar Part No. - 9901-05-10

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9901-05-10 COTO-9901-05-10 Datasheet
447Kb / 2P
   SURFACE MOUNT REED RELAYS
More results

Similar Description - 9901-05-10

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9200 COTO-9200 Datasheet
307Kb / 2P
   Surface Mount Reed Relays
logo
RHOPOINT COMPONENTS
9201-05-00 RHOPOINT-9201-05-00 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9401 RHOPOINT-9401 Datasheet
54Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
17D-1A12G DBLECTRO-17D-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9901-05-00 COTO-9901-05-00_14 Datasheet
447Kb / 2P
   SURFACE MOUNT REED RELAYS
logo
List of Unclassifed Man...
9400 ETC-9400 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9852 ETC-9852 Datasheet
96Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
10R-1A12G DBLECTRO-10R-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9802-03-00 COTO-9802-03-00 Datasheet
366Kb / 2P
   Surface Mount Reed Relays
9300 COTO-9300 Datasheet
287Kb / 2P
   Series/Surface Mount Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com