Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTS645VM39 Datasheet(PDF) 1 Page - ITT Industries

Part # PTS645VM39
Description  6 mm Tact Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PTS645VM39 Datasheet(HTML) 1 Page - ITT Industries

  PTS645VM39 Datasheet HTML 1Page - ITT Industries PTS645VM39 Datasheet HTML 2Page - ITT Industries PTS645VM39 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-57
B
PTS645 Series
6 mm Tact Switches
Termination
S Thru-hole
T Thru-hole with ESD pin
V Vertical
Actuation Force
L 130 grams
M 160 grams
H 200 grams
K 260 grams
6
4
5
P
T
S
Actuator Height to PCB / Ground Pin
43 4,3 (.169), thru-hole
50 5,0 (.197), thru-hole
70 7,0 (.275), thru-hole
85 8,5 (.335), thru-hole
95 9,5 (.374), thru-hole
31 3,15 (.124), vertical
39 3,85 (.151), vertical
58 5,85 (.230), vertical
83 8,35 (.329), vertical
15 15,85 (.624), vertical
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired
option from each category and and place it in the appropriate box.
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: SPST, N.O.
TERMINALS: PC pins
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Environmental
OPERATING TEMPERATURE: -40˚C to 60˚C
Process
SOLDERING: Preheating to 100˚C for 45 sec. max. Keep flux
flush with top surface of PCB; do not apply to component side of
PCB and area where terminals are located. Soldering to 255˚C for
5 sec. max. Clean by brushing on solder surface. Do not clean
switch with solvents.
Materials
BASE: 6/6 nylon or glass filled polyester (PBT) (UL 94V-0).
ACTUATOR: 6/6 nylon or polyacetal (UL 94HB).
COVER PLATE: PTS645S: Polyester or stainless steel.
PTS645T and PTS645V: Tin alloy or stainless steel.
DOME CONTACTS: Phosphor bronze, silver clad.
STATIONARY CONTACTS: Brass, silver plated.
TERMINALS: Brass, silver plated. Insert molded.
Mechanical
ACTUATION FORCE: PTS645 models: 130 grams, 160 grams,
200 grams, 260 grams
LIFE EXPECTANCY: 100,000 operations.
Packaging
Bulk packaging.
Features/Benefits
Compact size 6 x 6 mm
Variety of actuator lengths
Choice of actuation force
Typical Applications
Consumer products
Instrumentation
Computer products
Industrial
Electrical
CONTACT RATING: 50 mA @ 12 V DC.
DIELECTRIC STRENGTH: 250 V AC min.
CONTACT RESISTANCE: 100 m
Ω max. initial.
INSULATION RESISTANCE: 1011
Ω min.


Similar Part No. - PTS645VM39

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS645VM392LFS CK-COMPONENTS-PTS645VM392LFS Datasheet
492Kb / 4P
   6 mm Tact Switches
PTS645VM39SMTR92LFS CK-COMPONENTS-PTS645VM39SMTR92LFS Datasheet
492Kb / 4P
   6 mm Tact Switches
More results

Similar Description - PTS645VM39

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS645 CK-COMPONENTS-PTS645 Datasheet
202Kb / 3P
   6 mm Tact Switches
PTS645 CK-COMPONENTS-PTS645_V01 Datasheet
653Kb / 8P
   6 mm Tact Switches
14 Nov 22
PTS645VH15LFS CK-COMPONENTS-PTS645VH15LFS Datasheet
492Kb / 4P
   6 mm Tact Switches
logo
List of Unclassifed Man...
PTS453 ETC2-PTS453 Datasheet
54Kb / 2P
   4,5 mm Tact Switches
logo
ITT Industries
PTS635SL43 ITT-PTS635SL43 Datasheet
67Kb / 2P
   3,5 mm Tact Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125_V01 Datasheet
387Kb / 5P
   12 mm Tact Switches
2022
logo
ITT Industries
PTS125 ITT-PTS125 Datasheet
198Kb / 3P
   12 mm Tact Switches
logo
C&K Components
PTS635 CK-COMPONENTS-PTS635 Datasheet
355Kb / 3P
   3,5 mm Tact Switches
PTS125 CK-COMPONENTS-PTS125 Datasheet
193Kb / 3P
   12 mm Tact Switches
PTS125 CK-COMPONENTS-PTS125_V02 Datasheet
388Kb / 5P
   12 mm Tact Switches
14 Nov 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com