Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSL2550 Datasheet(PDF) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL2550
Description  AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL2550 Datasheet(HTML) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL2550 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TSL2550
AMBIENT LIGHT SENSOR
WITH SMBus INTERFACE
TAOS029L − OCTOBER 2007
11
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
APPLICATION INFORMATION
The TSL2550 is intended for use in ambient light detection applications, such as display backlight control, where
adjustments are made to display brightness or contrast based on the brightness of the ambient light, as
perceived by the human eye. Conventional silicon detectors respond strongly to infrared light, which the human
eye does not see. This can lead to significant error when the infrared content of the ambient light is high, such
as with incandescent lighting, due to the difference between the silicon detector response and the brightness
perceived by the human eye.
This problem is overcome in the TSL2550 through the use of two photodiodes. One of the photodiodes
(channel 0) is sensitive to both visible and infrared light, while the second photodiode (channel 1) is sensitive
primarily to infrared light. An integrating ADC converts the photodiode currents to channel 0 and channel 1 digital
outputs. Channel 1 digital output is used to compensate for the effect of the infrared component of light on the
channel 0 digital output. The ADC digital outputs from the two channels are used in a formula to obtain a value
that approximates the human eye response in the commonly used Illuminance unit of Lux. For standard mode:
Light Level (lux) + (Ch0 * Ch1)
0.39
e(*0.181R
2 )
where:
R = Ch1 Counts / (Ch0 Counts − Ch1 Counts)
The formula above was obtained by optical testing with fluorescent and incandescent light sources. The light
level calculated from the formula will be slightly higher than the actual light level for sunlight and will be slightly
lower than the actual light level for composite fluorescent and incandescent light sources.
NOTE:
Please see TAOS application notes for additional information, including implementing a display
brightness control system with the TSL2550, and for a simple implementation of the equation shown
above suitable for use in embedded microcontrollers.
Table 4 contains a summary of the typical sensor outputs for several common light sources.
Table 4. Sensor Output Summary (Standard Mode)
LIGHT SOURCE
ILLUMINANCE
(LUX)
CHANNEL 0
(COUNTS)
CHANNEL 1
(COUNTS)
RATIO:
CH1/CH0
LUX per CH0
COUNT
Fluorescent
297
831
68
0.082
0.36
Daylight (shade)
201
895
343
0.383
0.22
Incandescent
42
959
671
0.7
0.04
Light from 50 or 60 Hz sources, and especially fluorescent lighting, has a high harmonic content. Since the
TSL2550 integrates the ambient light over an approximately 400 millisecond interval (per channel), this light
ripple is typically reduced to less than ¼ LSB.
Power Supply Decoupling
The power supply lines must be decoupled with a 0.1 μF capacitor placed as close to the device package as
possible. The bypass capacitor should have low effective series resistance (ESR) and effective series
inductance (ESI), such as the common ceramic types, which provide a low impedance path to ground at high
frequencies to handle transient currents caused by internal logic switching.


Similar Part No. - TSL2550

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
TSL2550 ETC-TSL2550 Datasheet
147Kb / 14P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
ams AG
ams AG
TSL2550 AMSCO-TSL2550 Datasheet
703Kb / 21P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
More results

Similar Description - TSL2550

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
TSL2550 ETC-TSL2550 Datasheet
147Kb / 14P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
ams AG
ams AG
TSL2550 AMSCO-TSL2550 Datasheet
703Kb / 21P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
Microsemi Corporation
Microsemi Corporation
LX1977 MICROSEMI-LX1977 Datasheet
527Kb / 23P
   SMBus Ambient Light Sensor
ON Semiconductor
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
APDS-9303 AVAGO-APDS-9303 Datasheet
771Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
Broadcom Corporation.
Broadcom Corporation.
APDS-9303 BOARDCOM-APDS-9303 Datasheet
771Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
AMIC Technology
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
Everlight Electronics Co., Ltd
Everlight Electronics C...
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com