Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSL2550 Datasheet(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part No. TSL2550
Description  AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL2550 Datasheet(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL2550 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2550 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TSL2550
AMBIENT LIGHT SENSOR
WITH SMBus INTERFACE
TAOS029L − OCTOBER 2007
10
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
Operation
After applying VDD, the device will initially be in the power down state. To operate the device, issue an SMBus
Send Byte protocol with the device address and the appropriate command byte to read ADC channel 0 or ADC
channel 1 (see Table 1). To obtain the conversion result, issue an SMBus Receive Byte protocol with the device
address. The data byte received will correspond to the value in the ADC register (0 or 1) specified by the previous
command. If a conversion has not been completed since power up (either through VDD or power up command),
the valid bit will be 0, and the data will not be valid. If there is a valid conversion result available, the valid bit
will be set (1), and the remaining 7 bits will represent valid data from the previously selected ADC register. Data
may be read repeatedly from the currently selected ADC register, and although it will remain valid, the ADC
register will not be updated until a new conversion completes for that channel (800 ms total since there are two
serial 400 ms per channel conversion times in standard mode). Note also that the command register itself may
be read, as a check to be sure that the device is communicating properly.
To power down the device for reduced power consumption, issue an SMBus Send Byte protocol with the device
address followed by 0 as indicated in Table 1.


Similar Part No. - TSL2550

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
TSL2550 ETC-TSL2550 Datasheet
147Kb / 14P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
ams AG
ams AG
TSL2550 AMSCO-TSL2550 Datasheet
703Kb / 21P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
More results

Similar Description - TSL2550

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
TSL2550 ETC-TSL2550 Datasheet
147Kb / 14P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
ams AG
ams AG
TSL2550 AMSCO-TSL2550 Datasheet
703Kb / 21P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
Microsemi Corporation
Microsemi Corporation
LX1977 MICROSEMI-LX1977 Datasheet
527Kb / 23P
   SMBus Ambient Light Sensor
ON Semiconductor
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
APDS-9303 AVAGO-APDS-9303 Datasheet
771Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
Broadcom Corporation.
Broadcom Corporation.
APDS-9303 BOARDCOM-APDS-9303 Datasheet
771Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
AMIC Technology
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
Everlight Electronics Co., Ltd
Everlight Electronics C...
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz