Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54377RHF Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54377RHF
Description  1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54377RHF Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54377RHF Datasheet HTML 4Page - Texas Instruments TPS54377RHF Datasheet HTML 5Page - Texas Instruments TPS54377RHF Datasheet HTML 6Page - Texas Instruments TPS54377RHF Datasheet HTML 7Page - Texas Instruments TPS54377RHF Datasheet HTML 8Page - Texas Instruments TPS54377RHF Datasheet HTML 9Page - Texas Instruments TPS54377RHF Datasheet HTML 10Page - Texas Instruments TPS54377RHF Datasheet HTML 11Page - Texas Instruments TPS54377RHF Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
APPLICATION INFORMATION
+
VSNS
24
1
2
1
23
2
22
3
21
4
20
5
19
6
18
7
17
8
16
9
15
10
14
11
13
12
COMP
U1
TPS54377
C1
150 F
m
C4
0.1 F
m
C7
150pF
C6
3300pF
2200pF
442 W
10kW
C2
100 F
m
L1
1.5 H
m
C10
100 F
m
C11
1000pF
C9
10 F
m
C5
C3
C8
R5
R1
R4
R6
10kW
R3
6.81kW
R2
9.76kW
41.2kW
0.047 F
m
PWRGD
BOOT
PH
PH
PH
PH
PH
PH
NC
PGND
PGND
PwPd
AGND
RT
NC
SYNC
SS/EN
VBIAS
VIN
VIN
VIN
PGND
PGND
VOUT
PWRGD
Open
R( )=
W
51k
-4.7k
ƒ (MHz)
(1)
INPUT VOLTAGE
OUTPUT FILTER
FEEDBACK CIRCUIT
PCB LAYOUT
OPERATING FREQUENCY
TPS54377
SLVS779 – SEPTEMBER 2007
Figure 10 shows the schematic diagram for a typical TPS54377 application. The TPS54377 (U1) provides up to
3 A of output current at a nominal output voltage of 1.8 V. For proper thermal performance, the power pad
underneath the TPS54377 integrated circuit needs to be soldered well to the printed circuit board. The
TPS54377 can be evaluated by replacing the TPS54317 on the TPS54317 EVM.
Figure 10. TPS54377 Schematic
The input to the circuit is a nominal 3.3 VDC, applied
at J1. The optional input filter (C1) is a 150-µF
capacitor, with a maximum allowable ripple current of
The output filter is composed of a 1.5-µH inductor
3 A. C9 is the decoupling capacitor for the TPS54377
and two capacitors. The inductor is a low dc
and must be located as close to the device as
resistance (0.017
Ω) type, Coilcraft DO1813P-122HC.
possible.
The feedback loop is compensated so that the unity
gain frequency is approximately 75 kHz.
The resistor divider network of R1 and R2 sets the
output voltage for the circuit at 1.8 V. R1, along with
Figure 11 shows a generalized PCB layout guide for
R5, R3, C5, C7, and C8 forms the loop compensation
the TPS54377.
network for the circuit. For this design, a Type 3
The VIN pins should be connected together on the
topology is used.
printed circuit board (PCB) and bypassed with a low
ESR ceramic bypass capacitor. Care should be taken
to minimize the loop area formed by the bypass
capacitor
connections,
the
VIN
pins,
and
the
In the application circuit, the 1.1-MHz operation is
TPS54377 ground pins. The minimum recommended
selected. Connecting a 41.2-k
Ω between RT (pin 22)
bypass capacitance is 10-µF ceramic with a X5R or
and analog ground can be used to set the switching
X7R dielectric and the optimum placement is closest
frequency from 280 kHz to 1.6 MHz. To calculate the
to the VIN pins and the PGND pins.
RT resistor, use the Equation 1:
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54377


Similar Part No. - TPS54377RHF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54377 TI-TPS54377 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
More results

Similar Description - TPS54377RHF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373_15 Datasheet
701Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
TPS54317 TI-TPS54317 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973_15 Datasheet
695Kb / 23P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS50301-HT TI-TPS50301-HT Datasheet
609Kb / 28P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54873 TI-TPS54873_15 Datasheet
697Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com