Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL1406RS Datasheet(PDF) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL1406RS
Description  768 횞 1 LINEAR SENSOR ARRAY WITH HOLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL1406RS Datasheet(HTML) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL1406RS Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406RS Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406RS Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406RS Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406RS Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406RS Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406RS Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406RS Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1406RS Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TSL1406R, TSL1406RS
768 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS042D − APRIL 2007
11
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
MECHANICAL INFORMATION
TOP VIEW
Linear Array
Cover Glass
0.015 (0,38) Typical Free Area
113
Bonded Chip
Bypass Cap
DETAIL A
DETAIL A
0.100 (2,54)
BSC
0.100 (2,54) x 12 = 1.2 (30,48)
(Tolerance Noncumulative)
Cover Glass
0.027 (0,69)
Pixel 768
0.091 (2,31)
0.087 (2,21)
2.415 (61,33)
2.405 (61,07)
2.26 (57,40)
2.24 (56,90)
0.510 (12,95)
0.490 (12,45)
0.242 (6,15)
0.222 (5,64)
0.535 (13,589)
0.515 (13,081)
0.130 (3,30)
0.120 (3,05)
0.021 (0,533) DIA
13 Places
0.228 (5,79)
0.208 (5,28)
DIA (2 Places)
(Index of Refraction = 1.52)
0.363 (9,220)
0.353 (8,966)
0.095 (2,41)
0.080 (2,03)
0.086 (2,184)
0.076 (1,930)
0.048 (1,22)
0.038 (0,97)
CL
Pixel 1
NOTES: A. All linear dimensions are in inches (millimeters).
B. Pixel centers are located along the centerline of the mounting holes.
C. The gap between the individual sensor dies in the array is 57 μm typical (51 μm minimum and 75 μm maximum).
D. This drawing is subject to change without notice.
Figure 10. TSL1406R Mechanical Specifications


Similar Part No. - TSL1406RS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL1406RS ETC-TSL1406RS Datasheet
146Kb / 12P
   768 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1406RS AMSCO-TSL1406RS Datasheet
655Kb / 15P
   768X1 LINEAR SENSOR ARRAY WITH HOLD
More results

Similar Description - TSL1406RS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL1406 ETC-TSL1406 Datasheet
146Kb / 12P
   768 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1412S TAOS-TSL1412S Datasheet
206Kb / 12P
   1536 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401CS-LF TAOS-TSL1401CS-LF Datasheet
258Kb / 18P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1410R TAOS-TSL1410R Datasheet
205Kb / 12P
   1280 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401CL ETC2-TSL1401CL Datasheet
188Kb / 16P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401R-LF TAOS-TSL1401R-LF Datasheet
199Kb / 12P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1402R TAOS-TSL1402R Datasheet
226Kb / 14P
   256 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
Texas Instruments
TSL1301 TI-TSL1301 Datasheet
127Kb / 8P
[Old version datasheet]   102 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401R ETC-TSL1401R Datasheet
117Kb / 10P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com