Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL238 Datasheet(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL238
Description  HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL238 Datasheet(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL238 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL238 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL238 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL238 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL238 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL238 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL238 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL238 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL238 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TSL238
HIGH-SENSITIVITY
LIGHT-TO-FREQUENCY CONVERTER
TAOS073F − OCTOBER 2007
10
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
MANUFACTURING INFORMATION
The Plastic Small Outline IC package (D) has been tested and has demonstrated an ability to be reflow soldered
to a PCB substrate.
The solder reflow profile describes the expected maximum heat exposure of components during the solder
reflow process of product on a PCB. Temperature is measured on top of component. The component should
be limited to a maximum of three passes through this solder reflow profile.
Table 1. TSL238 Solder Reflow Profile
PARAMETER
REFERENCE
TSL238
Average temperature gradient in preheating
2.5°C/sec
Soak time
tsoak
2 to 3 minutes
Time above 217°C
t1
Max 60 sec
Time above 230°C
t2
Max 50 sec
Time above Tpeak −10°C
t3
Max 10 sec
Peak temperature in reflow
Tpeak
260° C (−0°C/+5°C)
Temperature gradient in cooling
Max −5°C/sec
t3
t2
t1
tsoak
T3
T2
T1
Tpeak
Not to scale — for reference only
Time (sec)
Figure 10. Solder Reflow Profile Graph


Similar Part No. - TSL238

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL238 AMSCO-TSL238 Datasheet
595Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL238T TAOS-TSL238T Datasheet
190Kb / 12P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL238T AMSCO-TSL238T Datasheet
630Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
More results

Similar Description - TSL238

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL237 AMSCO-TSL237 Datasheet
576Kb / 11P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238 AMSCO-TSL238 Datasheet
595Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238T AMSCO-TSL238T Datasheet
630Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL237 TAOS-TSL237 Datasheet
161Kb / 10P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL237T TAOS-TSL237T Datasheet
187Kb / 12P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238T TAOS-TSL238T Datasheet
190Kb / 12P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL237T AMSCO-TSL237T_V01 Datasheet
405Kb / 23P
   High-Sensitivity Light-to-Frequency Converter
2018-Apr-04
logo
TEXAS ADVANCED OPTOELEC...
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
   High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com