Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL237SM-LF Datasheet(PDF) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL237SM-LF
Description  HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL237SM-LF Datasheet(HTML) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL237SM-LF Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237SM-LF Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237SM-LF Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237SM-LF Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237SM-LF Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237SM-LF Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237SM-LF Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237SM-LF Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237SM-LF Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TSL237
HIGH-SENSITIVITY
LIGHT-TO-FREQUENCY CONVERTER
TAOS052G − SEPTEMBER 2007
7
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
MECHANICAL DATA
The device is supplied in a clear plastic three-lead through-hole package.
PACKAGE S
PLASTIC SINGLE-IN-LINE SIDE-LOOKER PACKAGE
1.64
2.60
2.30
4.60
R 0.90
1.80
0.42
1
2
y 2
0.47 TYP
TOP VIEW
SIDE VIEW
FRONT VIEW
0.42
1.56
14.86 + 0.50
4.60
0.15
Note B
Lead Free
Available
Pb
NOTES: A. All linear dimensions are in millimeters; tolerance is ± 0.25 mm unless otherwise stated.
B. Dimension is to center of lens arc, which is located below the package face.
C. The integrated photodiode active area is typically 0.92 mm2 in size and is located in the center of the lens and 0.97 mm below the
top of the lens surface.
D. Index of refraction of clear plastic is 1.55.
E. Lead finish for TSL237: solder dipped, 63% Sn/37% Pb. Lead finish for TSL237−LF: solder dipped, 100% Sn.
F. This drawing is subject to change without notice.
Figure 10. Package S — Single-In-Line Side-Looker Package Configuration


Similar Part No. - TSL237SM-LF

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL237 AMSCO-TSL237 Datasheet
576Kb / 11P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL237T TAOS-TSL237T Datasheet
187Kb / 12P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL237T AMSCO-TSL237T Datasheet
405Kb / 23P
   High-Sensitivity Light-to-Frequency Converter
2018-Apr-04
TSL237T AMSCO-TSL237T_V01 Datasheet
405Kb / 23P
   High-Sensitivity Light-to-Frequency Converter
2018-Apr-04
More results

Similar Description - TSL237SM-LF

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL237 AMSCO-TSL237 Datasheet
576Kb / 11P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238 AMSCO-TSL238 Datasheet
595Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238T AMSCO-TSL238T Datasheet
630Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL237T TAOS-TSL237T Datasheet
187Kb / 12P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238T TAOS-TSL238T Datasheet
190Kb / 12P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238 TAOS-TSL238 Datasheet
181Kb / 12P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL237T AMSCO-TSL237T_V01 Datasheet
405Kb / 23P
   High-Sensitivity Light-to-Frequency Converter
2018-Apr-04
logo
TEXAS ADVANCED OPTOELEC...
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
   High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com