Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C3232 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65C3232
Description  3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C3232 Datasheet(HTML) 5 Page - Texas Instruments

  SN65C3232 Datasheet HTML 1Page - Texas Instruments SN65C3232 Datasheet HTML 2Page - Texas Instruments SN65C3232 Datasheet HTML 3Page - Texas Instruments SN65C3232 Datasheet HTML 4Page - Texas Instruments SN65C3232 Datasheet HTML 5Page - Texas Instruments SN65C3232 Datasheet HTML 6Page - Texas Instruments SN65C3232 Datasheet HTML 7Page - Texas Instruments SN65C3232 Datasheet HTML 8Page - Texas Instruments SN65C3232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
DRIVER SECTION
Electrical Characteristics
(1)
Switching Characteristics
(1)
ESD Protection
SN65C3232E,, SN75C3232E
3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS
WITH
±15-kV IEC ESD PROTECTION
SLLS697 – DECEMBER 2005
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = GND
5
5.5
V
VOL
Low-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = VCC
–5
–5.4
V
IIH
High-level input current
VI = VCC
±0.01
±1
µA
IIL
Low-level input current
VI at GND
±0.01
±1
µA
VCC = 3.6 V,
VO = 0 V
±35
±60
IOS(3) Short-circuit output current
mA
VCC = 5.5 V,
VO = 0 V
±35
±90
ro
Output resistance
VCC, V+, and V– = 0 V,
VO = ±2 V
300
10M
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ± 0.5 V (see Figure 4) .
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one
output should be shorted at a time.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX UNIT
CL = 250 pF,
VCC = 3 V to 4.5 V
1000
Maximum data rate
RL = 3 kΩ,
kbit/s
(see Figure 1)
One DOUT switching
CL = 1000 pF,
VCC = 3.5 V to 5.5 V
1000
tsk(p)
Pulse skew(3)
CL = 150 pF to 2500 pF, RL = 3 kΩ to 7 kΩ, See Figure 2
300
ns
Slew rate,
SR(tr)
transition region
RL = 3 kΩ to 7 kΩ, CL = 150 pF to 1000 pF, VCC = 3.3 V
14
150
V/
µs
(see Figure 1)
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ± 0.5 V (see Figure 4).
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
TERMINAL
TEST CONDITIONS
TYP
UNIT
NAME
NO.
HBM
±15
DOUT
7, 14
IEC 61000-4-2 Air-Gap Discharge
±15
kV
IEC 61000-4-2 Contact Discharge
±8
5


Similar Part No. - SN65C3232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3232 TI-SN65C3232 Datasheet
308Kb / 14P
[Old version datasheet]   3V TO 5.5 V MULTICHANNEL RS--S3S COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232 TI-SN65C3232 Datasheet
315Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232 TI-SN65C3232 Datasheet
376Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232D TI-SN65C3232D Datasheet
308Kb / 14P
[Old version datasheet]   3V TO 5.5 V MULTICHANNEL RS--S3S COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232D TI-SN65C3232D Datasheet
315Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results

Similar Description - SN65C3232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3232E TI-SN65C3232E Datasheet
305Kb / 15P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
TRSF3232E TI-TRSF3232E Datasheet
499Kb / 17P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3232E TI-TRSF3232E_V01 Datasheet
1Mb / 22P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
SN65C3223E TI-SN65C3223E Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3223E TI-SN65C3223E_07 Datasheet
303Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3222E TI-SN65C3222E Datasheet
227Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3238E TI-SN65C3238E_07 Datasheet
384Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD (HBM) PROTECTION
SN65C3238E TI-SN65C3238E Datasheet
252Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD (HBM) PROTECTION
SN65C3221E TI-SN65C3221E Datasheet
198Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3221E TI-TRSF3221E_V01 Datasheet
893Kb / 21P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com