Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EPT23LKC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100EPT23LKC
Description  3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EPT23LKC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100EPT23LKC Datasheet HTML 1Page - Micrel Semiconductor SY100EPT23LKC Datasheet HTML 2Page - Micrel Semiconductor SY100EPT23LKC Datasheet HTML 3Page - Micrel Semiconductor SY100EPT23LKC Datasheet HTML 4Page - Micrel Semiconductor SY100EPT23LKC Datasheet HTML 5Page - Micrel Semiconductor SY100EPT23LKC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ECL Pro™
SY100EPT23L
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPD
Propagation Delay
1.5
2.5
1.5
2.5
1.5
2.5
1.5
2.5
ns
CL = 20pF
tskpp
Part-to-Part Skew(1,4)
0.5
0.5
0.5
0.5
ns
CL = 20pF
tskew++
Within-Device Skew(2,4)
0.3
0.3
0.3
0.3
ns
CL = 20pF
tskew– –
Within-Device Skew(3,4)
0.3
0.3
0.3
0.3
ns
CL = 20pF
tr
Output Rise/Fall Time
0.5
1.0
0.5
1.0
0.5
1.0
0.5
1.0
ns
CL = 20pF
tf
1.0V to 2.0V
fMAX
Maximum Input Frequency(5,6)
275
275
275
275
MHz
CL = 20pF
Notes:
1. Device-to-Device Skew considering HIGH-to-HIGH transitions at common VCC level.
2. Within-Device Skew considering HIGH-to-HIGH transitions at common V
CC level.
3. Within-Device Skew considering LOW-to-LOW transitions at common V
CC level.
4. All skew parameters are guaranteed but not tested.
5. Frequency at which guaranteed for functionality. V
OH and VOL levels are guaranteed at DC only.
6. The fMAX value is specified as the minimum guaranteed maximum frequency. Actual operational maximum frequency may be greater.
AC ELECTRICAL CHARACTERISTICS
VCC = 3.0V to 3.6V, GND = 0V.


Similar Part No. - SY100EPT23LKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT23LKC MICREL-SY100EPT23LKC Datasheet
74Kb / 8P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23LKCTR MICREL-SY100EPT23LKCTR Datasheet
74Kb / 8P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results

Similar Description - SY100EPT23LKC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
Micrel Semiconductor
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L Datasheet
51Kb / 4P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L Datasheet
74Kb / 8P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L_06 Datasheet
58Kb / 5P
   3.3V, DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY89223L MICREL-SY89223L Datasheet
41Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com