Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGP100SZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SGP100SZ
Description  Primary-side-control PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGP100SZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SGP100SZ Datasheet HTML 1Page - Fairchild Semiconductor SGP100SZ Datasheet HTML 2Page - Fairchild Semiconductor SGP100SZ Datasheet HTML 3Page - Fairchild Semiconductor SGP100SZ Datasheet HTML 4Page - Fairchild Semiconductor SGP100SZ Datasheet HTML 5Page - Fairchild Semiconductor SGP100SZ Datasheet HTML 6Page - Fairchild Semiconductor SGP100SZ Datasheet HTML 7Page - Fairchild Semiconductor SGP100SZ Datasheet HTML 8Page - Fairchild Semiconductor SGP100SZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Product Specification
Primary-side-control PWM Controller
SGP100
© System General Corp.
- 2 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.1.1 (IAO33.0042.B1)
September 26, 2007
MARKING INFORMATION
PIN CONFIGURATION
ORDERING INFORMATION
Part Number
Pb-Free
Package
SGP100SZ
8-pin SOP-8
PIN DESCRIPTIONS
Name
Pin No. Type
Function
CS
1
Analog Input
Current sense. Connected to a current-sense resistor for peak-current-mode control in CV
mode. The current-sense signal is also provided for output-current regulation in CC mode.
PGND
2
Ground
Power ground.
COMI
3
Analog Output
Current compensation. Output of the current error amplifier. Connect a capacitor between
the COMI pin and SGND for frequency compensation.
COMV
4
Analog Output
Voltage compensation. Output of the voltage error amplifier. Connect a capacitor between
the COMV pin and SGND for frequency compensation.
VS
5
Analog Input
Voltage sense. Output-voltage-sense input for output-voltage regulation.
SGND
6
Ground
Signal ground.
VDD
7
Supply
Power supply.
GATE
8
Driver Output
The totem-pole output driver to drive the power MOSFET.
VS
COMV
COMI
GATE
VDD
SGND
CS
PGND
3
1
2
4
5
6
8
7
SOP-8
SGP100TP
XXXXXXXXYWWV
T: S=SOP
P : Z=Lead Free + ROHS
Compatible
Null=regular package
XXXXXXXX: Wafer Lot
Y: Year; WW: Week
V: Assembly Location


Similar Part No. - SGP100SZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP10N60 INFINEON-SGP10N60 Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP10N60A INFINEON-SGP10N60A Datasheet
353Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.5 Nov 09
SGP10N60A INFINEON-SGP10N60A_09 Datasheet
353Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.5 Nov 09
logo
Fairchild Semiconductor
SGP10N60RUF FAIRCHILD-SGP10N60RUF Datasheet
541Kb / 7P
   Short Circuit Rated IGBT
More results

Similar Description - SGP100SZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com