Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL610-01-XXXTI Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PL610-01-XXXTI
Description  1.8V to 3.3V, 1MHz to 130MHz XO IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL610-01-XXXTI Datasheet(HTML) 2 Page - PhaseLink Corporation

  PL610-01-XXXTI Datasheet HTML 1Page - PhaseLink Corporation PL610-01-XXXTI Datasheet HTML 2Page - PhaseLink Corporation PL610-01-XXXTI Datasheet HTML 3Page - PhaseLink Corporation PL610-01-XXXTI Datasheet HTML 4Page - PhaseLink Corporation PL610-01-XXXTI Datasheet HTML 5Page - PhaseLink Corporation PL610-01-XXXTI Datasheet HTML 6Page - PhaseLink Corporation PL610-01-XXXTI Datasheet HTML 7Page - PhaseLink Corporation PL610-01-XXXTI Datasheet HTML 8Page - PhaseLink Corporation PL610-01-XXXTI Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
(Preliminary)
PL610-01
1.8V to 3.3V, 1MHz to 130MHz XO IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 4/2/07 Page 2
KEY PROGRAMMING PARAMETERS (Optional)
CLK[0:1]
Output Frequency
Output Drive Strength
Programmable
Input/Output
FOUT = FREF / P*
(*: P is an Odd/Even Divider)
Where P = 6 bit
CLK0 = FREF, FREF/2 or FREF / P
CLK1 = FREF, FREF/2 or CLK0
Three optional drive strengths
to choose from:
 Low: 4mA
 Std: 8mA (default)
 High: 16mA
One output pin can be configured
as:
 OE - input
 PDB - input
 CLK1 – output
PACKAGE PIN AND DIE PAD ASSIGNMENT
Pin Assignment
Name
DFN-6L
SOT23-6L
Type
Description
XIN, FIN
1
3
I
Crystal or Reference Clock input pin
OE, PDB,
CLK1
2
1
I/O
This programmable I/O pin can be configured as an Output
Enable (OE) input, Power Down input (PDB) input or CLK1
clock output. This pin has an internal 60KΩ pull up resistor
for OE and 10MΩ pull up resistor for PDB.
State
OE
PDB
0
Tri-state CLK
Power Down Mode
1 (default)
Normal mode
Normal mode
GND
3
2
P
GND connection
CLK0
4
6
O
Programmable Clock Output
VDD
5
5
P
VDD connection
Crystal Output pin
XOUT
6
4
O
Do Not Connect (DNC ) when FIN is present


Similar Part No. - PL610-01-XXXTI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL610-01-XXXTI MICROCHIP-PL610-01-XXXTI Datasheet
316Kb / 20P
   1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
PL610-01-XXXTI-TR MICROCHIP-PL610-01-XXXTI-TR Datasheet
316Kb / 20P
   1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
More results

Similar Description - PL610-01-XXXTI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL610-01 MICROCHIP-PL610-01 Datasheet
316Kb / 20P
   1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
PL610-02 MICROCHIP-PL610-02 Datasheet
205Kb / 16P
   1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
06/23/16
logo
PhaseLink Corporation
PLL620-38 PLL-PLL620-38 Datasheet
219Kb / 6P
   PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-30 PLL-PLL620-30 Datasheet
209Kb / 6P
   PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
logo
E-CMOS Corporation
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
logo
PhaseLink Corporation
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
logo
E-CMOS Corporation
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
logo
PhaseLink Corporation
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
logo
Pericom Semiconductor C...
FDQ-1.8V PERICOM-FDQ-1.8V Datasheet
983Kb / 2P
   1.8V CMOS Low Jitter XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com