Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGP100 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SGP100
Description  Primary-side-control PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGP100 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SGP100 Datasheet HTML 1Page - Fairchild Semiconductor SGP100 Datasheet HTML 2Page - Fairchild Semiconductor SGP100 Datasheet HTML 3Page - Fairchild Semiconductor SGP100 Datasheet HTML 4Page - Fairchild Semiconductor SGP100 Datasheet HTML 5Page - Fairchild Semiconductor SGP100 Datasheet HTML 6Page - Fairchild Semiconductor SGP100 Datasheet HTML 7Page - Fairchild Semiconductor SGP100 Datasheet HTML 8Page - Fairchild Semiconductor SGP100 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Product Specification
Primary-side-control PWM Controller
SGP100
© System General Corp.
- 5 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.1.1 (IAO33.0042.B1)
September 26, 2007
Voltage-Sense Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
TRATIO
Proportion of TON and TDIS for Brownout
Protection*
TON /TDIS
1.5
ITC-25
CV Temperature Compensation Current
9
10
11
µA
* Guaranteed by design.
Current-Sense Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ZCS
Filter Resistance
2
kΩ
TPD
Propagation Delay to GATE Output
150
200
ns
TLEB
Leading-Edge Blanking Time
TMIN-N-TPD
825
1025
1225
ns
TMIN-N
Minimum On-time at No Load
1075
1200
1350
ns
VSLOPE
Slope Compensation*
0.37
0.40
0.43
V
DSAW
Duty Cycle of SAW Limiter*
35
40
45
%
VTH-VA
Valley Threshold Voltage for Current Limit
VTH-FT - 0.4 VTH-FT - 0.25 VTH-FT - 0.1 V
VTH-FT
Flat threshold Voltage for Current Limit
1.2
1.3
1.5
V
* Guaranteed by design.
TH VA
V
TH FT
V
MAX
DCY
40%
Saw Limiter
Voltage Error Amplifier Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VVR
Reference Voltage
2.475
2.500
2.525
V
VN
Green-Mode Starting Voltage
FS=FOSC-2KHz
1.55
1.70
1.85
V
VG
Green-Mode Ending Voltage
FS=1KHz
0.55
0.90
V
SG
Green-Mode Frequency Decreasing Rate
SG=(FOSC-3KHz)/(VN-VG)
25
35
45
Hz/mV
IV-SINK
Output Sink Current
VVS=3V, VCOMV=2.5V
85
100
115
µA
IV-SOURCE
Output Source Current
VVS=2V, VCOMV=2.5V
85
100
115
µA
VV-HIGH
Output High Voltage
VVS=2.3V
4.5
V
Current Error Amplifier Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIR
Reference Voltage
2.475
2.500
2.525
V
II-SINK
Output Sink Current
VCS=3V, VCOMI=2.5V
40
60
80
µA
II-SOURCE
Output Source Current
VCS=0.5V, VCOMI=2.5V
40
60
80
µA
VI-HIGH
Output High Voltage
VCS=0.5V
4.5
V


Similar Part No. - SGP100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP10N60 INFINEON-SGP10N60 Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP10N60A INFINEON-SGP10N60A Datasheet
353Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.5 Nov 09
SGP10N60A INFINEON-SGP10N60A_09 Datasheet
353Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.5 Nov 09
logo
Fairchild Semiconductor
SGP10N60RUF FAIRCHILD-SGP10N60RUF Datasheet
541Kb / 7P
   Short Circuit Rated IGBT
More results

Similar Description - SGP100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com