Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THN405Z Datasheet(PDF) 1 Page - AUK corp

Part # THN405Z
Description  SiGe NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

THN405Z Datasheet(HTML) 1 Page - AUK corp

  THN405Z Datasheet HTML 1Page - AUK corp THN405Z Datasheet HTML 2Page - AUK corp THN405Z Datasheet HTML 3Page - AUK corp THN405Z Datasheet HTML 4Page - AUK corp THN405Z Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
- High gain bandwidth product
f
T = 17 GHz at VCE = 2 V, IC = 10 mA
f
T = 19 GHz at VCE = 3 V, IC = 15 mA
- High power gain
|S
21|
2 = 15 dB at V
CE = 2 V, IC = 5 mA, f = 1.8 GHz
MAG = 20 dB at V
CE = 2 V, IC = 5 mA, f = 1.8 GHz
- Low noise figure
NF = 1.4 dB at V
CE = 2 V, IC = 2 mA, f = 1.8 GHz
Applications
- Low noise amplifier, oscillator and buffer amplifier up to 3 GHz
SOT-343
□ Absolute Maximum Ratings ( T
A = 25 ℃ )
Pin Configuration
1. Base
2. Emitter
3. Emitter
4. Collector
Unit in mm
Collector to Base Breakdown Voltage
Collector to Emitter Breakdown Voltage
Emitter to Base Breakdown Voltage
Collector Current
Total Power Dissipation
Operating Junction Temperature
Storage Temperature
Tstg
-65 ~ 150
V
BVEBO
1.5
V
BVCEO
4.5
Tj
Parameter
Symbol
Ptot
75
Ratings
Unit
BVCBO
10
V
150
IC
25
mA
mW
Caution : Electro Static Discharge sensitive device
1
4
3
2
THN405Z
SiGe NPN Transistor
Semiconductor


Similar Part No. - THN405Z

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN4201 TACHYONICS-THN4201 Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
THN4201E TACHYONICS-THN4201E Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
logo
AUK corp
THN4201E AUK-THN4201E Datasheet
239Kb / 12P
   SiGe NPN Transistor
logo
Tachyonics CO,. LTD
THN4201KF TACHYONICS-THN4201KF Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
THN4201U TACHYONICS-THN4201U Datasheet
227Kb / 12P
   NPN SiGe RF TRANSISTOR
More results

Similar Description - THN405Z

ManufacturerPart #DatasheetDescription
logo
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN6501F AUK-THN6501F Datasheet
189Kb / 11P
   SiGe NPN Transistor
THN4201U AUK-THN4201U Datasheet
239Kb / 12P
   SiGe NPN Transistor
THN6201S AUK-THN6201S Datasheet
252Kb / 13P
   SiGe NPN Transistor
THN6301S AUK-THN6301S Datasheet
221Kb / 11P
   SiGe NPN Transistor
THN5702F AUK-THN5702F Datasheet
257Kb / 8P
   SiGe NPN Transistor
THN4501U AUK-THN4501U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN420Z AUK-THN420Z Datasheet
245Kb / 5P
   SiGe NPN Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com