Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBI1816 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MBI1816
Description  All-Ways-OnTM Constant-Current LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBI1816 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MBI1816 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MBI1816
16-Channel Constant-Current LED Driver
November 2004, V1.00
- 4 -
Electrical Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
-
4.5
5.0
5.5
V
Output Voltage
VDS
OUT0 ~ OUT15
-
-
17.0
V
Output Current
IOUT
DC Test Circuit
5
-
90
mA
“H” level
VIH
Ta= -40~85
ºC
0.7*VDD
-
VDD
V
Input Voltage
“L” level
VIL
Ta= -40~85
ºC
GND
-
0.3*VDD
V
Output Leakage Current
IOH
VOH= 17.0V
-
-
0.5
μA
Output Current 1
IOUT1
VDS= 0.6V
Rext= 720 Ω
-
25
-
mA
Current Skew
dIOUT1
IOL= 25mA
VDS= 0.6V
Rext= 720 Ω
-
±1
±3
%
Output Current 2
IOUT2
VDS= 0.8V
Rext= 360 Ω
-
50
-
mA
Current Skew
dIOUT2
IOL= 50mA
VDS= 0.8V
Rext= 360 Ω
-
±1
±3
%
Output Current vs.
Output Voltage Regulation
%/dVDS
VDS within 1.0V and 3.0V
-
±0.1
-
% / V
Output Current vs.
Supply Voltage Regulation
%/dVDD
VDD within 4.5V and 5.5V
-
±1
-
% / V
Pull-up Resistor
RIN(up)
OE
250
500
800
K
Ω
IDD(off) 1
Rext= Open, OUT0 ~ OUT15 = Off
-
6
8
IDD(off) 2
Rext= 720 Ω, OUT0 ~ OUT15 = Off
-
6
8
“OFF”
IDD(off) 3
Rext= 360 Ω, OUT0 ~ OUT15 = Off
-
6
8
IDD(on) 1
Rext= 720 Ω, OUT0 ~ OUT15 = On
-
9
11
Supply
Current
“ON”
IDD(on) 2
Rext= 360 Ω, OUT0 ~ OUT15 = On
-
10
12
mA
Test Circuit for Electrical Characteristics
Figure 2


Similar Part No. - MBI1816

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI1802 ETC2-MBI1802 Datasheet
298Kb / 11P
   All-Ways-OnTM High-Power LED Driver
MBI1804 ETC1-MBI1804 Datasheet
159Kb / 10P
   ALL-WAYS-ON HIGH-POWER LED DRIVER
More results

Similar Description - MBI1816

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI1802 ETC2-MBI1802 Datasheet
298Kb / 11P
   All-Ways-OnTM High-Power LED Driver
MBI1804 ETC1-MBI1804 Datasheet
159Kb / 10P
   ALL-WAYS-ON HIGH-POWER LED DRIVER
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com