Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK7508P Datasheet(PDF) 1 Page - AUK corp

Part # STK7508P
Description  Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK7508P Datasheet(HTML) 1 Page - AUK corp

  STK7508P Datasheet HTML 1Page - AUK corp STK7508P Datasheet HTML 2Page - AUK corp STK7508P Datasheet HTML 3Page - AUK corp STK7508P Datasheet HTML 4Page - AUK corp STK7508P Datasheet HTML 5Page - AUK corp STK7508P Datasheet HTML 6Page - AUK corp STK7508P Datasheet HTML 7Page - AUK corp STK7508P Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSD-T0P006-000
1
STK7508P
Advanced Power MOSFET
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
SWITCHING REGURATOR APPLICATIONS
Features
• High Voltage: BVDSS=80V(Min.)
• Low Crss : Crss=220pF(Typ.)
• Low gate charge : Qg=80nC(Typ.)
Low RDS(on) :RDS(on)=17mΩ(Max.)
Ordering Information
Type NO.
Marking
Package Code
STK7508P
STK7508
TO-220AB-3L
Outline Dimensions
unit : mm
PIN Connections
1. Gate
2. Drain
3. Source
Φ
3.70 Max.
1.37 Max.
1.62 Max.
0.90 Max.
2.54 Typ.
2.54 Typ.
9.80~10.20


Similar Part No. - STK7508P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK750-010 SANYO-STK750-010 Datasheet
149Kb / 8P
   Chopper Regulator using MOS FET with Multi-Scan Support(1A Output Current)
More results

Similar Description - STK7508P

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com