Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK7002B Datasheet(PDF) 3 Page - AUK corp

Part # STK7002B
Description  N-Channel Enhancement-Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK7002B Datasheet(HTML) 3 Page - AUK corp

  STK7002B Datasheet HTML 1Page - AUK corp STK7002B Datasheet HTML 2Page - AUK corp STK7002B Datasheet HTML 3Page - AUK corp STK7002B Datasheet HTML 4Page - AUK corp STK7002B Datasheet HTML 5Page - AUK corp STK7002B Datasheet HTML 6Page - AUK corp STK7002B Datasheet HTML 7Page - AUK corp STK7002B Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KSD-T5C042-000
3
STK7002B
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=10μA, VGS=0
60
-
-
V
Gate-threshold voltage
VGS(th)
ID=250μA, VDS= VGS
1.0
-
2.5
V
Drain-source leakage current
IDSS
VDS=60V, VGS=0V
-
-
1
μA
Gate-source leakage
IGSS
VDS=0V, VGS=±20V
-
-
±100
nA
RDS(ON)
VGS=5V, ID=50mA
-
2.8
4.2
Drain-Source on-resistance
RDS(ON)
VGS=10V, ID=180mA
2.7
4.0
Ω
Forward transfer admittance
gfs
VDS=3V, ID=180mA
-
353
mS
Input capacitance
Ciss
-
20
30
Output capacitance
Coss
-
7.8
11.7
Reverse transfer capacitance
Crss
VGS=0V, VDS=25V, f=1MHz
-
3.1
4.7
pF
Turn-on delay time
td(on)
-
7
10.5
Turn-off delay time
td(off)
VDD=30V, VGS=10V
ID=380mA, RG=25Ω
-
11
16.5
ns
Total gate charge
Qg
-
2.8
4.2
Gate-source charge
Qgs
-
0.4
0.6
Gate-drain charge
Qgd
VDD=30V, VGS=10V
ID=380mA
-
0.2
0.3
nC
Source-Drain Diode Ratings and Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Continuous source current
IS
-
-
380
Source current (Pulsed)
ISM
Integral reverse diode
in the MOSFET
-
-
1520
mA
Forward voltage
VSD
VGS=0V, IS=0.38A
-
-
1.4
V
Reverse recovery time
trr
-
39
-
ns
Reverse recovery charge
Qrr
Is=380mA, VGS=0V
dIs/dt=10A/us
-
10
-
uC
Note ;
① Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
② L=10mH, I
AS=0.38A, VDD=20V, RG=25Ω
③ Pulse Test : Pulse Width< 300us, Duty cycle≤ 2%
④ Essentially independent of operating temperature


Similar Part No. - STK7002B

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
KODENSHI_AUK CORP.
STK7002 KODENSHI-STK7002 Datasheet
306Kb / 6P
   HIGH SPEED SWITCHING APPLICATIONS
logo
AUK corp
STK7002F AUK-STK7002F Datasheet
267Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK7002U AUK-STK7002U Datasheet
300Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
KODENSHI_AUK CORP.
STK7002U KODENSHI-STK7002U Datasheet
406Kb / 8P
   N-Channel Enhancement-Mode MOSFET
More results

Similar Description - STK7002B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com