Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK58X60LM Datasheet(PDF) 1 Page - AUK corp

Part # STK58X60LM
Description  Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK58X60LM Datasheet(HTML) 1 Page - AUK corp

  STK58X60LM Datasheet HTML 1Page - AUK corp STK58X60LM Datasheet HTML 2Page - AUK corp STK58X60LM Datasheet HTML 3Page - AUK corp STK58X60LM Datasheet HTML 4Page - AUK corp STK58X60LM Datasheet HTML 5Page - AUK corp STK58X60LM Datasheet HTML 6Page - AUK corp STK58X60LM Datasheet HTML 7Page - AUK corp STK58X60LM Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSD-T0H016-000
1
STK58X60LM
Advanced Power MOSFET
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
SWITCHING REGULATOR APPLICATIONS
Features
• High Voltage: BVDSS=600V(Min.)
• Low Crss : Crss=6.0pF(Typ.)
• Low gate charge : Qg=8.4nC(Typ.)
• Low RDS(on) :RDS(on)=4.7Ω(Max.)
Ordering Information
Type NO.
Marking
Package Code
STK58X60LM
STK58X60
MPT
Outline Dimensions
unit : mm
PIN Connections
1. Gate
2. Drain
3. Source
7.30~7.50
1.20 Max.
0.70 Max.
2.50 Typ.
2.50 Typ.
1
2
3
0.60 Max.


Similar Part No. - STK58X60LM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK581U3C2D-E ONSEMI-STK581U3C2D-E Datasheet
436Kb / 15P
   Intelligent Power Module (IPM) 600 V, 30 A
September 2016 - Rev. 1
logo
List of Unclassifed Man...
STK58C308 ETC-STK58C308 Datasheet
121Kb / 1P
   STK58C308 TOUCH DIMMER
More results

Similar Description - STK58X60LM

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com