Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM50RSA060 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. PM50RSA060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

PM50RSA060 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Sep.1998
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Over Current Trip Level Inverter Part
OC
-20
°C ≤ T ≤ 125°C, VD = 15V
65
88
Amperes
Over Current Trip Level Brake Part
18
26
Amperes
Short Circuit Trip Level Inverter Part
SC
-20
°C ≤ T ≤ 125°C, VD = 15V
132
Amperes
Short Circuit Trip Level Brake Part
39
Amperes
Over Current Delay Time
toff(OC)
VD = 15V
10
µs
Over Temperature Protection
OT
Trip Level
111
118
125
°C
OTr
Reset Level
100
°C
Supply Circuit Under Voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
UVr
Reset Level
12.5
Volts
Supply Voltage
VD
Applied between VUP1-VUPC,
13.5
15
16.5
Volts
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Circuit Current
ID
VD = 15V, VCIN = 15V, VN1-VNC
—44
60
mA
VD = 15V, VCIN = 15V, VXP1-VXPC
—13
18
mA
Input ON Threshold Voltage
Vth(on)
Applied between
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
Vth(off)
UP-VUPC, VP-VVPC, WP-VWPC,
1.7
2.0
2.3
Volts
UN · VN · WN · Br-VNC
PWM Input Frequency
fPWM
3-
φ Sinusoidal
15
20
kHz
Fault Output Current
IFO(H)
VD = 15V, VFO = 15V
0.01
mA
IFO(L)
VD = 15V, VFO = 15V
10
15
mA
Minimum Fault Output Pulse Width
tFO
VD = 15V
1.0
1.8
ms
MITSUBISHI INTELLIGENT POWER MODULES
PM50RSA060
FLAT-BASE TYPE
INSULATED PACKAGE


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PM10CSJ060FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM200DSA120FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM400DVA060FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM800HSA060FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM50RLB060MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM50CSE120FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM75CLA060FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM10CZF120FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM200DVA120FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
PM400HSA120FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn