Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AMC76386 Datasheet(PDF) 5 Page - ADDtek Corp

Part No. AMC76386
Description  Dual 450mA LDO REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADDTEK [ADDtek Corp]
Homepage  http://www.addmtek.com
Logo 

AMC76386 Datasheet(HTML) 5 Page - ADDtek Corp

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AMC76386
Copyright
© 2006 ADDtek Corp.
5
DD055_A -- JUNE 2006
CHARACTERIZATION CURVES (Continued)
Typical Performance Characteristics
VIN= 5V,CIN=1µF,COUT= 4.7µF,TA=25
OC unless otherwise specified.
IO (mA)
4
6
8
10
12
14
0
100
200
300
400
500
Quiescent Current vs. Load
0
2
4
6
8
10
12
14
16
18
20
-40 -20
0
20 40 60 80 100 120
Quiescent Current vs. Temperature
TA(
OC)
IOUT1
Load Transient Regulation
VOUT1
VOUT2
Load Transient Regulation
IOUT2
VOUT1
VOUT2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn