Electronic Components Datasheet Search |
|
SN65LVDT33 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
SN65LVDT33 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 23 page www.ti.com DESCRIPTION (CONTINUED) SN65LVDS33, SN65LVDT33 SN65LVDS34, SN65LVDT34 SLLS490B – MARCH 2001 – REVISED NOVEMBER 2004 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. AVALIABLE OPTIONS(1) PART NUMBER OF TERMINATION SYMBOLIZATION NUMBER(2) RECEIVERS RESISTOR SN65LVDS33D 4 No LVDS33 SN65LVDS33PW 4 No LVDS33 SN65LVDTS33D 4 Yes LVDT33 SN65LVDT33PW 4 Yes LVDT33 SN65LVDS34D 2 No LVDS34 SN65LVDT34D 2 Yes LVDS34 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. (2) Add the suffix R for taped and reeled carrier. The receivers can withstand ±15 kV human-body model (HBM) and ±600 V machine model (MM) electrostatic discharges to the receiver input pins with respect to ground without damage. This provides reliability in cabled and other connections where potentially damaging noise is always a threat. The receivers also include a (patent pending) failsafe circuit that will provide a high-level output within 600 ns after loss of the input signal. The most common causes of signal loss are disconnected cables, shorted lines, or powered-down transmitters. The failsafe circuit prevents noise from being received as valid data under these fault conditions. This feature may also be used for Wired-Or bus signaling. See The Active Failsafe Feature of the SN65LVDS32B application note. The intended application and signaling technique of these devices is point-to-point baseband data transmission over controlled impedance media of approximately 100 Ω. The transmission media may be printed-circuit board traces, backplanes, or cables. The ultimate rate and distance of data transfer is dependent upon the attenuation characteristics of the media and the noise coupling to the environment. The SN65LVDS33, SN65LVDT33, SN65LVDS34 and SN65LVDT34 are characterized for operation from –40°C to 85°C. Function Tables(1) SN65LVDS33 and SN65LVDT33 SN65LVDS34 and SN65LVDT34 DIFFERENTIAL INPUT ENABLES OUTPUT DIFFERENTIAL INPUT OUTPUT VID = VA - VB G G Y VID = VA– VB Y H X H VID ≥ –32 mV H VID ≥ –32 mV X L H –100 mV < VID≤ –32 mV ? H X ? VID ≤ –100 mV L –100 mV < VID ≤ –32 mV X L ? Open H H X L VID ≤ –100 mV X L L X L H Z H X H Open X L H (1) H = high level, L = low level, X = irrelevant, Z = high impedance (off), ? = indeterminate 2 Submit Documentation Feedback |
Similar Part No. - SN65LVDT33 |
|
Similar Description - SN65LVDT33 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |