Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6858 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # SG6858
Description  Low-Cost, Green-Mode PWM Controller for Flyback Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6858 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button SG6858 Datasheet HTML 3Page - Fairchild Semiconductor SG6858 Datasheet HTML 4Page - Fairchild Semiconductor SG6858 Datasheet HTML 5Page - Fairchild Semiconductor SG6858 Datasheet HTML 6Page - Fairchild Semiconductor SG6858 Datasheet HTML 7Page - Fairchild Semiconductor SG6858 Datasheet HTML 8Page - Fairchild Semiconductor SG6858 Datasheet HTML 9Page - Fairchild Semiconductor SG6858 Datasheet HTML 10Page - Fairchild Semiconductor SG6858 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Product Specification
Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6858
© System General Corp.
- 7 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.2.1 (IAO33.0045.B2)
September 25, 2007
Green-Mode Entry FB Voltage(VFB-N) vs
Temperature
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (℃)
Green-Mode Ending FB Voltage (VFB-G) vs
Temperature
1.90
2.00
2.10
2.20
2.30
2.40
2.50
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (℃)
Leading-Edge Blanking Time (tLEB) vs Temperature
250
270
290
310
330
350
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (℃)
Operation Current (IDD-OP) vs VDD Voltage
1.5
2.0
2.5
3.0
3.5
12
13
14
15
16
17
18
19
20
21
22
23
24
VDD Voltage (V)
VDD=15V
VDD=15V
VDD=15V


Similar Part No. - SG6858

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
256Kb / 7P
   Control a Flyback Power Supply
SG6858 FAIRCHILD-SG6858 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG6858DZ FAIRCHILD-SG6858DZ Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG6858TZ FAIRCHILD-SG6858TZ Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
More results

Similar Description - SG6858

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859 FAIRCHILD-SG6859 Datasheet
479Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
SG6860 FAIRCHILD-SG6860 Datasheet
554Kb / 11P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A_10 Datasheet
509Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
ON Semiconductor
SG6848TZ1 ONSEMI-SG6848TZ1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com