Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6858 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SG6858
Description  Low-Cost, Green-Mode PWM Controller for Flyback Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6858 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SG6858 Datasheet HTML 1Page - Fairchild Semiconductor SG6858 Datasheet HTML 2Page - Fairchild Semiconductor SG6858 Datasheet HTML 3Page - Fairchild Semiconductor SG6858 Datasheet HTML 4Page - Fairchild Semiconductor SG6858 Datasheet HTML 5Page - Fairchild Semiconductor SG6858 Datasheet HTML 6Page - Fairchild Semiconductor SG6858 Datasheet HTML 7Page - Fairchild Semiconductor SG6858 Datasheet HTML 8Page - Fairchild Semiconductor SG6858 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Product Specification
Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6858
© System General Corp.
- 5 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.2.1 (IAO33.0045.B2)
September 25, 2007
Feedback Input Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
AV
FB Input to Current Comparator Attenuation
2/5
V/V
ZFB
Input Impedance
5
KΩ
VFB-OPEN
FB Output High Voltage
4.5
5.0
5.5
V
VFB-N
Green-Mode Entry FB Voltage
2.85
V
VFB-G
Green-Mode Ending FB Voltage
2.20
V
SG
Green-Mode Modulation Slope
RI=95kΩ
75
Hz/mV
Current-Sense Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ZSENSE
Input Impedance
10
kΩ
tPD
Delay to Output
60
100
ns
VSTHFL
Flat Threshold Voltage for Current Limit
0.96
V
VSTHVA
Valley Threshold Voltage for Current Limit
0.75
0.80
0.85
V
tLEB
Leading-edge Blanking Time
250
300
350
ns
DCYSAW
Duty Cycle of SAW Limit
Max. Duty Cycle
45
%
Oscillator Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
FOSC
Frequency
RI=95kΩ
65
70
75
kHz
FOSC-G
Green-Mode Frequency
RI=95kΩ
22
kHz
FDV
Frequency Variation vs. VDD Deviation
VDD=13.5V to 22V
0
0.02
2.00
%
FDT
Frequency Variation vs. Temperature Deviation
TA= -20 to 85°C
2
%
Output Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DCYMAX
Maximum Duty Cycle
70
75
80
%
VGATE-L
Output Voltage Low
VDD=15V, Io=20mA
1.5
V
VGATE-H
Output Voltage High
VDD=13.5V, Io=-20mA
8
V
tR
Rising Time
VDD=15V, CL=1nF
150
200
250
ns
tF
Falling Time
VDD=15V, CL=1nF
35
55
75
ns
VGATE-CLAMP
Output Clamp Voltage
VDD=22V
16
17
18
V


Similar Part No. - SG6858

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
256Kb / 7P
   Control a Flyback Power Supply
SG6858 FAIRCHILD-SG6858 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG6858DZ FAIRCHILD-SG6858DZ Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG6858TZ FAIRCHILD-SG6858TZ Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
More results

Similar Description - SG6858

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859 FAIRCHILD-SG6859 Datasheet
479Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
SG6860 FAIRCHILD-SG6860 Datasheet
554Kb / 11P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A_10 Datasheet
509Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
ON Semiconductor
SG6848TZ1 ONSEMI-SG6848TZ1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com