Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H1068 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part No. H1068
Description  10/100BASE-TX QUAD PORT TRANSFORMER MODULES For Use with Level One’s LXT974, LXT975 and LXT980 Series of PHY Solutions
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

H1068 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 769 5538070 •• Taiwan 886 2 26980228
www.pulseeng.com
3
H321.D (8/06)
Tx
Tx
Rx
Tx
Rx
Td
Rd
Td
Td
Tx
Td
Rd
Rx
Rd
Rx
Rd
C
H
I
P
S
I
D
E
M
E
D
I
A
S
I
D
E
LEGEND
ALL CHANNELS ARE
IN PHASE BETWEEN
INPUT AND OUTPUT
NOTE: The H1074 provides
for direct single plane routing
to a single stack RJ-45 and
for
direct
single
plane
routing to the LXT980.
H1074
Schematic
10/100BASE-TX QUAD PORT
TRANSFORMER MODULES
For Use with Level One’s LXT974, LXT975
and LXT980 Series of PHY Solutions
Tape and Reel Specifications
.157
3,99
.079
2,01
5" MAX.
DRAFT ANGLE
.059
1,50
o
.004
0,10
.000
0,00
1.13
28,70
.945
24,00
.740
18,80
.012
0,30
1.73
43,94
1.59
40,39
.795
20,19
.069
1,75
8
.230
5,84
.270
6,86
Weight . . . . . .4.0 grams TYP
Tube . . . . . . . . . . . . . .15/tube
Tape & Reel . . . . . . .250/reel


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn