Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H1068 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part No. H1068
Description  10/100BASE-TX QUAD PORT TRANSFORMER MODULES For Use with Level One’s LXT974, LXT975 and LXT980 Series of PHY Solutions
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

H1068 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 769 5538070 •• Taiwan 886 2 26980228
www.pulseeng.com
1
H321.D (8/06)
10/100BASE-TX QUAD PORT
TRANSFORMER MODULES
For Use with Level One’s LXT974, LXT975
and LXT980 Series of PHY Solutions
Mechanical
H10XX
H-10XX
DATE CODE
COUNTRY OF ORIGIN
1.125 MAX
28,58
.640 MAX
16,26
.950
24,13
40X .018
0,46
19X .050
1,27
40X .090
2,29
40X .030
0,76
.480
12,19
.050
1,27
19X .050 = .950
1,27
24,13
40X .024
0,61
.004/0,10
40 SURFACES
0° – 8°
.485
12,32
.230 MAX
5,84
40X .045
1,14
.005
0,13
.010
0,25
Dimensions: Inches
Unless otherwise specified, all tolerances are ±.010
mm
0,25
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
RoHS-6 peak reflow temperature rating: 245°C
RoHS-5 peak reflow temperature rating: 235°C
Meets IEEE 802.3 specification
Models designed to support four single- or double-stacked
RJ-45 connectors
RoHS-54
RoHS-65
Insertion
Common to Common
Differential to Common
Compliant
Compliant
Loss
Return Loss
Crosstalk
Rejection Ratio
Mode Rejection
Part
Part
(dB TYP)
(dB TYP)
(dB MIN)
0.1-60MHz (dB MIN)
(dB MIN)
Number
Number
0.1-100MHz
2-30MHz 40MHz 50MHz 60-80MHz
1MHz 30MHz
60MHz 100MHz
Transmit
Receive
1-60MHz
60-200MHz
H1068
H1068NL3d
-0.5
-21
-17
-14.5
-12
-60
-50
-40
-35
-30
-30
-40
-30
H1069
H1069NL3d
-0.5
-21
-17
-14.5
-12
-60
-50
-40
-35
-30
-30
-40
-30
H1074
H1074NL3d
-0.5
-21
-17
-14.5
-12
-60
-50
-40
-30
-30
-30
-40
-30
1. All product meets input/output breakdown (HiPot) of 1500 Vrms.
2. For Tape & Reel packaging, add suffix “T” to the end of the part number e. g. H1069T
3. MSL=Moisture Sensitivity Level a=1 b=2 c=3 d=4
4. RoHS-5: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive (product contains lead in applications considered solder).
5. RoHS-6: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Some internal connections may contain lead in high-temperature
solder (solder alloys containing more than 85% lead).


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn