Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCM0765R Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSCM0765R
Description  Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0765R Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSCM0765R Datasheet HTML 1Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 2Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 3Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 4Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 5Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 6Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 7Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 8Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0565R, FSQ0765R Rev. 1.0.0
October 2007
FSQ0565R, FSQ0765R
Green-Mode Fairchild Power Switch (FPS™) for
Quasi-Resonant Operation - Low EMI and High Efficiency
Features
Optimized for Quasi-Resonant Converter (QRC)
Low EMI through Variable Frequency Control and AVS
(Alternating Valley Switching)
High-Efficiency through Minimum Voltage Switching
Narrow Frequency Variation Range over Wide Load
and Input Voltage Variation
Advanced Burst-Mode Operation for Low Standby
Power Consumption
Simple Scheme for Sync Voltage Detection
Pulse-by-Pulse Current Limit
Various Protection functions: Overload Protection
(OLP), Over-Voltage Protection (OVP), Abnormal
Over-Current Protection (AOCP), Internal Thermal
Shutdown (TSD) with Hysteresis, Output Short
Protection (OSP)
Under-Voltage Lockout (UVLO) with Hysteresis
Internal Start-up Circuit
Internal High-Voltage Sense FET (650V)
Built-in Soft-Start (15ms)
Applications
Power Supply for LCD TV and Monitor, VCR, SVR,
STB, and DVD & DVD Recorder
Adapter
Related Resourses
Visit: http://www.fairchildsemi.com/apnotes/ for:
AN-4134: Design Guidelines for Offline Forward
Converters Using Fairchild Power Switch (FPS)
AN-4137: Design Guidelines for Offline Flyback
Converters Using Fairchild Power Switch (FPS)
AN-4140: Transformer Design Consideration for
Offline Flyback Converters Using Fairchild Power
Switch (FPS)
AN-4141: Troubleshooting and Design Tips for
Fairchild Power Switch (FPS) Flyback Applications
AN-4145: Electromagnetic Compatibility for Power
Converters
AN-4147: Design Guidelines for RCD Snubber of
Flyback
AN-4148: Audible Noise Reduction Techniques for
Fairchild Power Switch Fairchild Power Switch(FPS™)
Applications
AN-4150: Design Guidelines for Flyback Converters
Using FSQ-Series Fairchild Power Switch (FPS)
Description
A Quasi-Resonant Converter (QRC) generally shows
lower EMI and higher power conversion efficiency than a
conventional hard-switched converter with a fixed
switching frequency. The FSQ-series is an integrated
Pulse-Width
Modulation
(PWM)
controller
and
SenseFET specifically designed for quasi-resonant
operation and Alternating Valley Switching (AVS). The
PWM controller includes an integrated fixed-frequency
oscillator, Under-Voltage Lockout (UVLO), Leading-
Edge Blanking (LEB), optimized gate driver, internal soft-
start, temperature-compensated precise current sources
for a loop compensation, and self-protection circuitry.
Compared with a discrete MOSFET and PWM controller
solution, the FSQ-series can reduce total cost,
component count, size, and weight; while simultaneously
increasing efficiency, productivity, and system reliability.
This device provides a basic platform that is well suited
for cost-effective designs of quasi-resonant switching
flyback converters.


Similar Part No. - FSCM0765R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0765R FAIRCHILD-FSCM0765R Datasheet
495Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSCM0765R FAIRCHILD-FSCM0765R Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSCM0765R FAIRCHILD-FSCM0765R Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSCM0765RC FAIRCHILD-FSCM0765RC Datasheet
495Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSCM0765RD FAIRCHILD-FSCM0765RD Datasheet
495Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSCM0765R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RS FAIRCHILD-FSQ0465RS Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
logo
ON Semiconductor
FSQ0565RS ONSEMI-FSQ0565RS Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
logo
Fairchild Semiconductor
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com