Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIR19-21C Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # HIR19-21C
Description  Technical Data Sheet 0.8mm Height Flat Top Infrared LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR19-21C Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  HIR19-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd HIR19-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 6 of 9
Device No:DIH-192-027
Prepared date:07-20-2005
Prepared by:Jaine Tsai
HIR19-21C/L11
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - HIR19-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR19-21C-L11-TR8 EVERLIGHT-HIR19-21C-L11-TR8 Datasheet
237Kb / 10P
   0.8mm Height Flat Top Infrared LED
HIR19-21C-L11-TR8 EVERLIGHT-HIR19-21C-L11-TR8_15 Datasheet
174Kb / 9P
   0.8mm Height Flat Top Infrared LED
HIR19-21C/L11/TR8 EVERLIGHT-HIR19-21C/L11/TR8 Datasheet
232Kb / 10P
   0.8mm Height Flat Top Infrared LED
HIR19-21C EVERLIGHT-HIR19-21C_05 Datasheet
232Kb / 10P
   0.8mm Height Flat Top Infrared LED
More results

Similar Description - HIR19-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR19-21C-L11-TR8 EVERLIGHT-HIR19-21C-L11-TR8_15 Datasheet
174Kb / 9P
   0.8mm Height Flat Top Infrared LED
IR19-21C-TR8 EVERLIGHT-IR19-21C-TR8 Datasheet
235Kb / 10P
   0.8mm Height Flat Top Infrared LED
EAIST1608A3 EVERLIGHT-EAIST1608A3 Datasheet
638Kb / 9P
   0.8mm Height Flat Top Infrared LED
HIR19-21C EVERLIGHT-HIR19-21C_05 Datasheet
232Kb / 10P
   0.8mm Height Flat Top Infrared LED
SIR19-21C-TR8 EVERLIGHT-SIR19-21C-TR8 Datasheet
235Kb / 9P
   0.8mm Height Flat Top Infrared LED
SIR19-21C EVERLIGHT-SIR19-21C Datasheet
230Kb / 10P
   0.8mm Height Flat Top Infrared LED
SIR19-21C-TR8 EVERLIGHT-SIR19-21C-TR8 Datasheet
230Kb / 9P
   0.8mm Height Flat Top Infrared LED
EAIST1608A0 EVERLIGHT-EAIST1608A0 Datasheet
405Kb / 9P
   0.8mm Height Flat Top Infrared LED
EAIST1608A1 EVERLIGHT-EAIST1608A1 Datasheet
482Kb / 9P
   0.8mm Height Flat Top Infrared LED
HIR19-21C-L11-TR8 EVERLIGHT-HIR19-21C-L11-TR8 Datasheet
237Kb / 10P
   0.8mm Height Flat Top Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com