Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ0765R Datasheet(PDF) 15 Page - Fairchild Semiconductor

Part # FSQ0765R
Description  Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0765R Datasheet(HTML) 15 Page - Fairchild Semiconductor

Back Button FSQ0765R Datasheet HTML 11Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 12Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 13Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 14Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 15Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 16Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 17Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 18Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 19Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0565R, FSQ0765R Rev. 1.0.0
15
uses a sync signal instead of directly monitoring the
output voltage. If the sync signal exceeds 8V, an OVP is
triggered, shutting down the SMPS. To avoid undesired
triggering of OVP during normal operation, there are two
points considered, as depicted in Figure 32. The peak
voltage of the sync signal should be designed below 6V
and the spike of the SYNC pin must be as low as
possible to avoid getting longer than tOVP by decreasing
the leakage inductance shown at VCC winding coil.
Figure 32. OVP Triggering
4.5 Thermal Shutdown with Hysteresis (TSD): The
SenseFET and the control IC are built in one package.
This makes it easy for the control IC to detect the
abnormally high temperature of the SenseFET. If the
temperature exceeds approximately 140°C, the thermal
shutdown triggers IC shutdown. The IC recovers its
operation when the junction temperature decreases
60°C from TSD temperature and VCC reaches start-up
voltage (Vstart).
5. Soft-Start: The FPS has an internal soft-start circuit
that increases PWM comparator inverting input voltage
with the SenseFET current slowly after it starts up. The
typical soft-start time is 15ms. The pulse width to the
power switching device is progressively increased to
establish the correct working conditions for transformers,
inductors, and capacitors. The voltage on the output
capacitors is progressively increased with the intention of
smoothly establishing the required output voltage. This
mode helps prevent transformer saturation and reduces
stress on the secondary diode during start-up.
6. Burst Operation: To minimize power dissipation in
standby mode, the FPS enters burst-mode operation. As
the load decreases, the feedback voltage decreases. As
shown in Figure 33, the device automatically enters
burst-mode when the feedback voltage drops below
VBURL (350mV). At this point, switching stops and the
output voltages start to drop at a rate dependent on
standby current load. This causes the feedback voltage
to rise. Once it passes VBURH (550mV), switching
resumes. The feedback voltage then falls and the
process repeats. Burst-mode operation alternately
enables and disables switching of the power SenseFET,
thereby reducing switching loss in standby mode.
Figure 33. Waveforms of Burst Operation
7. Switching Frequency Limit: To minimize switching
loss and Electromagnetic Interference (EMI), the
MOSFET turns on when the drain voltage reaches its
minimum value in quasi-resonant operation. However,
this causes switching frequency to increases at light load
conditions. As the load decreases or input voltage
increases, the peak drain current diminishes and the
switching frequency increases. This results in severe
switching losses at light-load condition, as well as
intermittent switching and audible noise. These problems
create limitations for the quasi-resonant converter
topology in a wide range of applications.
To overcome these problems, FSQ-series employs a
frequency-limit function, as shown in Figures 34 and 35.
Once the SenseFET is turned on, the next turn-on is
prohibited during the blanking time (tB). After the
blanking time, the controller finds the valley within the
detection time window (tW) and turns on the MOSFET, as
shown in Figures 34 and Figure 35 (Cases A, B, and C).
V
Vcc_coil &VCC
V
sync
V
OVP(8V)
V
CC
V
Vcc_coil
V
CLAMP
V
SH2 (4.8V)
V
DC
N
pri
N
Vcc
Absolue max V
CC(20V)
t
OVP
t
OVP
Improper OVP triggering
FSQ0765RRev.00
V
FB
V
DS
0.35V
0.55V
I
DS
V
O
V
O
set
time
Switching
disabled
t1
t2 t3
Switching
disabled
t4
FSQ0765R Rev.00


Similar Part No. - FSQ0765R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0765R FAIRCHILD-FSQ0765R Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSQ0765RQWDTU FAIRCHILD-FSQ0765RQWDTU Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RSWDTU FAIRCHILD-FSQ0765RSWDTU Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
More results

Similar Description - FSQ0765R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RS FAIRCHILD-FSQ0465RS Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
logo
ON Semiconductor
FSQ0565RS ONSEMI-FSQ0565RS Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
logo
Fairchild Semiconductor
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com