Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB3101 Datasheet(PDF) 2 Page - AUK corp

Part # SDB3101
Description  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SDB3101 Datasheet(HTML) 2 Page - AUK corp

  SDB3101_1 Datasheet HTML 1Page - AUK corp SDB3101_1 Datasheet HTML 2Page - AUK corp SDB3101_1 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSD-2030-000
2
SDB3101
Absolute maximum ratings
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
Reverse voltage
V
R
30
V
Repetitive peak forward current
I
FRM
*
0.5
A
Forward current
I
F
0.2
A
Non-repetitive peak forward current(10ms)
I
FSM
2A
Power dissipation
P
D
150
mW
Junction temperature
T
j
150
°C
Storage temperature
T
stg
-55 ~ 150
°C
* :
δ = D/T =0.33
(T<1S)
Electrical Characteristics
Ta=25
°°°°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage 1
V
F(1)
I
F=10mA
--
0.4
V
Forward voltage 2
V
F(2)
I
F=30mA
-
-
0.5
V
Reverse current
I
R
V
R=30V
-
-
1
µA
Total capacitance
C
T
V
R=1V, f=1MHz
-
-
10
pF
Reverse recovery time
trr
I
F= IR=10mA, IRR= 1mA, RL=100
--
5
ns


Similar Part No. - SDB3101_1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDB3101F AUK-SDB3101F Datasheet
45Kb / 3P
   Schottky Barrier Diode
SDB3101F AUK-SDB3101F Datasheet
47Kb / 3P
   Schottky Barrier Diode
logo
KODENSHI_AUK CORP.
SDB3101F KODENSHI-SDB3101F Datasheet
234Kb / 5P
   General Purpose Schottky Barrier Diode
logo
AUK corp
SDB3101F AUK-SDB3101F_1 Datasheet
47Kb / 3P
   Schottky Barrier Diode
More results

Similar Description - SDB3101_1

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com