Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F342ESPFV Datasheet(PDF) 12 Page - Fujitsu Component Limited.

Part # MB90F342ESPFV
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F342ESPFV Datasheet(HTML) 12 Page - Fujitsu Component Limited.

Back Button MB90F342ESPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 9Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 10Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 11Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 12Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 13Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 14Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 15Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 16Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
MB90340E Series
12
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1 LQFP100*2
97
P34
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or when the hold function is disabled.
HRQ
Hold request input pin. This function is enabled when both the
external bus and the hold function are enabled.
OUT4
Waveform output pin for output compare.
10
8
P35
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or when the hold function is disabled.
HAK
Hold acknowledge output pin. This function is enabled when
both the external bus and the hold function are enabled.
OUT5
Waveform output pin for output compare.
11
9
P36
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or when the external ready function is
disabled.
RDY
External ready input pin. This function is enabled when both the
external bus and the external ready function are enabled.
OUT6
Waveform output pin for output compare.
12
10
P37
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or when the clock output is disabled.
CLK
Clock output pin. This function is enabled when both the
external bus and clock output are enabled.
OUT7
Waveform output pin for output compare OCU7
13, 14
11, 12
P40, P41
F
General purpose I/O pins.
(devices with an S suffix in the part number and or
MB90V340E-101)
X0A , X1A
B
Oscillation pins for sub clock
(devices without an S suffix in the part number and or
MB90V340E-102)
15
13
VCC
Power (3.5 V to 5.5 V) input pin
16
14
VSS
GND pin
17
15
C
K
This is the power supply stabilization capacitor This pin should
be connected to a ceramic capacitor with a capacitance greater
than or equal to 0.1
µF.
18
16
P42
F
General purpose I/O pin.
IN6
Trigger input pin for input capture.
RX1
RX input pin for CAN1 Interface
(MB90341E/342E/F342E/F343E/F345E only)
INT9R
External interrupt request input pin


Similar Part No. - MB90F342ESPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F342ESPFV FUJITSU-MB90F342ESPFV Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F342ESPFV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com