Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F342ESPFV Datasheet(PDF) 56 Page - Fujitsu Component Limited.

Part # MB90F342ESPFV
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F342ESPFV Datasheet(HTML) 56 Page - Fujitsu Component Limited.

Back Button MB90F342ESPFV Datasheet HTML 52Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 53Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 54Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 55Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 56Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 57Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 58Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 59Page - Fujitsu Component Limited. MB90F342ESPFV Datasheet HTML 60Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
MB90340E Series
56
(3) Power On Reset
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0.0 V)
(4) Clock Output Timing
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, VSS = 0.0 V, fCP ≤ 24 MHz)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Power on rise time
tR
VCC
0.05
30
ms
Power off time
tOFF
VCC
1
ms
Due to repetitive operation
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
CLK
62.5
ns
fCP
= 16 MHz
41.76
ns
fCP
= 24 MHz
CLK
↑ → CLK ↓
tCHCL
CLK
20
ns
fCP
= 16 MHz
13
ns
fCP
= 24 MHz
VCC
VCC
VSS
3 V
tR
tOFF
2.7 V
0.2 V
0.2 V
0.2 V
Holds RAM data
If you change the power supply voltage too rapidly, a power on reset may occur.
We recommend that you startup smoothly by restraining voltages when changing
the power supply voltage during operation, as shown in the figure below. Perform
while not using the PLL clock. However, if voltage drops are within 1 V/s, you can
operate while using the PLL clock.
We recommend a rise of
50 mV/ms maximum.
CLK
2.4 V
tCYC
2.4 V
0.8 V
tCHCL


Similar Part No. - MB90F342ESPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F342ESPFV FUJITSU-MB90F342ESPFV Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F342ESPFV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com